전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

BTA 데이터시트(PDF) 10 Page - Bellnix Co.,Ltd.

부품명 BTA
상세설명  The Fifth Generation, Ultra Small Size, Isolated DC-DC Converter
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  BELLNIX [Bellnix Co.,Ltd.]
홈페이지  http://www.bellnix.com/
Logo BELLNIX - Bellnix Co.,Ltd.

BTA 데이터시트(HTML) 10 Page - Bellnix Co.,Ltd.

Back Button BTA Datasheet HTML 6Page - Bellnix Co.,Ltd. BTA Datasheet HTML 7Page - Bellnix Co.,Ltd. BTA Datasheet HTML 8Page - Bellnix Co.,Ltd. BTA Datasheet HTML 9Page - Bellnix Co.,Ltd. BTA Datasheet HTML 10Page - Bellnix Co.,Ltd. BTA Datasheet HTML 11Page - Bellnix Co.,Ltd. BTA Datasheet HTML 12Page - Bellnix Co.,Ltd. BTA Datasheet HTML 13Page - Bellnix Co.,Ltd. BTA Datasheet HTML 14Page - Bellnix Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
The Fifth Generation, Ultra Small Size, Isolated DC-DC Converter
1.5Watt BTA Series
10
DC-DC Converter
BDD2008
1203
7-2 Adjustable Output Voltage
Output voltage can be set as follow when Vadj pin and −Vout pin is short.
Please open this pin when not adjusting the output voltage.
Output voltage to connection of Vadj pin
Model
Open
−Vout and
Short
BTAXX-03SXXX
3.3V
3.6V
BTAXX-05SXXX
5.0V
6.0V
BTAXX-12SXXX
12V
15V
BTAXX-12WXXX
±12V
±15V
Output voltage is adjustable by connecting resistor between Vadj pin and +Vout pin. (Or between Vadj pin and
−Vout pin)
Note : When adjusting the output voltage, please operate below max. power
7-2-1 To lower the output voltage
Output voltage can be lowered by connecting resistor Rb between Adjustable Output Pin (Vadj) and Plus Output
Pin (+Vout). Calculation is as below. (Unit of Rb is [kΩ]).
BTA-S Series
BTA-W Series
7
+Vout
6
Vadj
5
-
Vout
Rb
Load
7
+Vout
6
Vadj
4
-
Vout
Rb
Load
Common
5
Load
Output Voltage : Vo[V],Connecting resistor : Rb[kΩ]
BTAXX-03SXXX
Vo = 1.26 × (91.5 + 2.62 Rb) / (39.6 + Rb)
Rb = (39.6 Vo − 115.3) / (3.30 − Vo)
Adjustable range is up to 3.15V.(Rb≧62)
BTAXX-05SXXX
Vo = 1.26 × (84.8 + 3.98 Rb) / (31.8 + Rb)
Rb = (31.8 Vo − 106.85) / (5.01 − Vo)
Adjustable range is up to 4.75V.(Rb≧160)
BTAXX-12SXXX
Vo = 1.26 × (201 + 9.53 Rb) / (57 + Rb)
Rb = (57 Vo − 253.26) / (12.01 − Vo)
Adjustable range is up to 11.4V.(Rb≧620)
BTAXX-12WXXX
Vo = {1.26 × (429 + 19.1 Rb) / (103 + Rb)} / 2
Rb = (206 Vo − 540.54) / (24.07 − 2 Vo)
Adjustable range is up to ±11.4V. (Rb≧1500)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com