전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AS7265X 데이터시트(PDF) 59 Page - ams AG

부품명 AS7265X
상세설명  Smart 18-Channel VIS to NIR Spectral_ID 3-Sensor Chipset with Electronic Shutter
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AMSCO [ams AG]
홈페이지  http://www.ams.com
Logo AMSCO - ams AG

AS7265X 데이터시트(HTML) 59 Page - ams AG

Back Button AS7265X Datasheet HTML 55Page - ams AG AS7265X Datasheet HTML 56Page - ams AG AS7265X Datasheet HTML 57Page - ams AG AS7265X Datasheet HTML 58Page - ams AG AS7265X Datasheet HTML 59Page - ams AG AS7265X Datasheet HTML 60Page - ams AG AS7265X Datasheet HTML 61Page - ams AG AS7265X Datasheet HTML 62Page - ams AG AS7265X Datasheet HTML 63Page - ams AG  
Zoom Inzoom in Zoom Outzoom out
 59 / 63 page
background image
ams Datasheet
Page 59
[v1-04] 2018-Jul-09
Document Feedback
AS7265x − Document Status
Document Status
Product Status
Definition
Product Preview
Pre-Development
Information in this datasheet is based on product ideas in
the planning phase of development. All specifications are
design goals without any warranty and are subject to
change without notice
Preliminary Datasheet
Pre-Production
Information in this datasheet is based on products in the
design, validation or qualification phase of development.
The performance and parameters shown in this document
are preliminary without any warranty and are subject to
change without notice
Datasheet
Production
Information in this datasheet is based on products in
ramp-up to full production or full production which
conform to specifications in accordance with the terms of
ams AG standard warranty as given in the General Terms of
Trade
Datasheet (discontinued)
Discontinued
Information in this datasheet is based on products which
conform to specifications in accordance with the terms of
ams AG standard warranty as given in the General Terms of
Trade, but these products have been superseded and
should not be used for new designs
Document Status



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63