전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AS7265X 데이터시트(PDF) 55 Page - ams AG

부품명 AS7265X
상세설명  Smart 18-Channel VIS to NIR Spectral_ID 3-Sensor Chipset with Electronic Shutter
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AMSCO [ams AG]
홈페이지  http://www.ams.com
Logo AMSCO - ams AG

AS7265X 데이터시트(HTML) 55 Page - ams AG

Back Button AS7265X Datasheet HTML 51Page - ams AG AS7265X Datasheet HTML 52Page - ams AG AS7265X Datasheet HTML 53Page - ams AG AS7265X Datasheet HTML 54Page - ams AG AS7265X Datasheet HTML 55Page - ams AG AS7265X Datasheet HTML 56Page - ams AG AS7265X Datasheet HTML 57Page - ams AG AS7265X Datasheet HTML 58Page - ams AG AS7265X Datasheet HTML 59Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 63 page
background image
ams Datasheet
Page 55
[v1-04] 2018-Jul-09
Document Feedback
AS7265x − Soldering & Storage Information
Floor Life
The module has been assigned a moisture sensitivity level of
MSL 3. As a result, the floor life of devices removed from the
moisture barrier bag is 168 hours from the time the bag was
opened, provided that the devices are stored under the
following conditions:
Floor Life: 168 hours
Ambient Temperature: <30°C
Relative Humidity: <60%
If the floor life or the temperature/humidity conditions have
been exceeded, the devices must be rebaked prior to solder
reflow or dry packing.
Rebaking Instructions
When the shelf life or floor life limits have been exceeded,
rebake at 50°C for 12 hours.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com