전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AS7265X 데이터시트(PDF) 27 Page - ams AG

부품명 AS7265X
상세설명  Smart 18-Channel VIS to NIR Spectral_ID 3-Sensor Chipset with Electronic Shutter
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AMSCO [ams AG]
홈페이지  http://www.ams.com
Logo AMSCO - ams AG

AS7265X 데이터시트(HTML) 27 Page - ams AG

Back Button AS7265X Datasheet HTML 23Page - ams AG AS7265X Datasheet HTML 24Page - ams AG AS7265X Datasheet HTML 25Page - ams AG AS7265X Datasheet HTML 26Page - ams AG AS7265X Datasheet HTML 27Page - ams AG AS7265X Datasheet HTML 28Page - ams AG AS7265X Datasheet HTML 29Page - ams AG AS7265X Datasheet HTML 30Page - ams AG AS7265X Datasheet HTML 31Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 63 page
background image
ams Datasheet
Page 27
[v1-04] 2018-Jul-09
Document Feedback
AS7265x − Detailed Description
4-Byte Floating-Point (FP) Registers
Several 4 byte registers (hex) are used by the AS72651. Here is
an example of how these registers are used to represent floating
point data (based on the IEEE 754 standard).
Figure 25:
Example of the IEEE 754 Standard
The floating point (FP) value assumed by 32 bit binary32 data
with a biased exponent e (the 8 bit unsigned integer) and a 23
bit fraction is (for the above example):
0 0 1 1 1 1 1 0
31
0 0 1 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0
3E (hex)
20 (hex)
00 (hex)
00 (hex)
byte 3
byte 2
byte 1
byte 0
0 0 1 1 1 1 1 0 0 0 1 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0
exponent (8 bits)
fraction (23 bits)
24 23
16 15
8 7
0
31
23
30
22
0
sign
= 0.15625
(EQ1)
FPvalue
1
–
()
sign
1b23 i
–
i1
–
23
2
i
–
⋅
+




2
e 127
–
()
⋅⋅
=
FPvalue
1
–
()
0
1b23 i
–
i1
–
23
2
i
–
⋅
+




2
124 127
–
()
⋅⋅
=
FPvalue
1
1 2
2
–
+
() 2
3
–
0.15625
=
⋅⋅
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63