| 전자부품 데이터시트 검색엔진 |
|
AS7265X 데이터시트(PDF) 47 Page - ams AG |
|
|
|||||||||||||||||||||||||||||
AS7265X 데이터시트(HTML) 47 Page - ams AG |
|
47 / 63 page ![]() ams Datasheet Page 47 [v1-04] 2018-Jul-09 Document Feedback AS7265x − Detailed Description ATFWS W Tests the checksum on the non-active FW partition and, if correct, switches active partition. This is a toggle and used to toggle between the 2 FW partitions. Note: The first 5 bytes in page 0 are not touched. It is only a temporary switch and must be used to check the new firmware whether the communication works! -- - ATFWL W This command locks the current firmware to starts on power cycles. It rewrites the first five bytes in page0! -- - ATFWC R This command gives information about the current firmware state - Bit0 - Checksum of non-active firmware OK Bit1 - Error occurred Bit2 - Bank 1 active Bit3 - Not used Bit4 - Current firmware is locked Bit5 - 56kBytes transferred Bit6 - Not used Bit7 - Firmware update active - ATFWA W Only for backward compatibility to support old firmware, update mechanism. Always returns with OK. Because of flash devices, it is not possible to increment the address separately (page erase necessary!) -- - Commands Direction Description Format Value Range Default |