전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AS7265X 데이터시트(PDF) 49 Page - ams AG

부품명 AS7265X
상세설명  Smart 18-Channel VIS to NIR Spectral_ID 3-Sensor Chipset with Electronic Shutter
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AMSCO [ams AG]
홈페이지  http://www.ams.com
Logo AMSCO - ams AG

AS7265X 데이터시트(HTML) 49 Page - ams AG

Back Button AS7265X Datasheet HTML 45Page - ams AG AS7265X Datasheet HTML 46Page - ams AG AS7265X Datasheet HTML 47Page - ams AG AS7265X Datasheet HTML 48Page - ams AG AS7265X Datasheet HTML 49Page - ams AG AS7265X Datasheet HTML 50Page - ams AG AS7265X Datasheet HTML 51Page - ams AG AS7265X Datasheet HTML 52Page - ams AG AS7265X Datasheet HTML 53Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 63 page
background image
ams Datasheet
Page 49
[v1-04] 2018-Jul-09
Document Feedback
AS7265x − Package Drawings & Markings
Figure 61:
Package Drawing
Note(s):
1. All dimensions are in millimeters.
2. XXXXX = tracecode.
3. Unless otherwise specified tolerances are: Angular (±.5°), Two Place Decimal (±.1), Three Place Decimal (±.05).
4. Contact finish is Au.
5. This package contains no lead (Pb).
6. This drawing is subject to change without notice.
Package Drawings & Markings
Green
RoHS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63