| 전자부품 데이터시트 검색엔진 |
|
STM32F722IC 데이터시트(PDF) 66 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32F722IC 데이터시트(HTML) 66 Page - STMicroelectronics |
|
66 / 229 page ![]() 10 17 28 M4 34 17 J10 M4 H3 28 34 PC2 I/O FT (4) SPI2_MISO, OTG_HS_ULPI_DIR, FMC_SDNE0, EVENTOUT ADC1_IN12, ADC2_IN12, ADC3_IN12 11 18 29 M5 35 18 F7 M5 H4 29 35 PC3 I/O FT (4) SPI2_MOSI/I2S2_SD, OTG_HS_ULPI_NXT, FMC_SDCKE0, EVENTOUT ADC1_IN13, ADC2_IN13, ADC3_IN13 - - 30 - 36 - J7 - F10 30 36 VDD S - - - - 12 19 31 M1 37 19 K10 M1 J1 31 37 VSSA S - - - - - - - N1 - - - N1 K1 - - VREF- S - - - - 13 20 32 P1 38 20 J9 P1 L1 32 38 VREF+ S - - - - -21 33 R1 39 21 K9 R1 M1 33 39 VDDA S - - - - 14 22 34 N3 40 22 G8 N3 J2 34 40 PA0-WKUP I/O FT (5) TIM2_CH1/TIM2_ETR, TIM5_CH1, TIM8_ETR, USART2_CTS, UART4_TX, SAI2_SD_B, EVENTOUT ADC1_IN0, ADC2_IN0, ADC3_IN0, WKUP1 Table 10. STM32F722xx and STM32F723xx pin and ball definition (continued) Pin Number Pin name (function after reset)(1) Alternate functions Additional functions STM32F722xx STM32F723xx |