| 전자부품 데이터시트 검색엔진 |
|
STM32F722IC 데이터시트(PDF) 70 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32F722IC 데이터시트(HTML) 70 Page - STMicroelectronics |
|
70 / 229 page ![]() - 37 58 R8 68 37 J5 R8 M7 58 68 PE7 I/O FT - TIM1_ETR, UART7_Rx, QUADSPI_BK2_IO0, FMC_D4, EVENTOUT - - 38 59 P8 69 38 H5 P8L7 5969 PE8 I/O FT - TIM1_CH1N, UART7_Tx, QUADSPI_BK2_IO1, FMC_D5, EVENTOUT - - 39 60 P970 39 K5 P9K7 60 70 PE9 I/O FT - TIM1_CH1, UART7_RTS, QUADSPI_BK2_IO2, FMC_D6, EVENTOUT - - - 61 M9 71 - - M9 H6 61 71 VSS S - - - - - - 62 N9 72 - - N9 G6 62 72 VDD S - - - - - 40 63 R9 73 40 E4 R9 J7 63 73 PE10 I/O FT - TIM1_CH2N, UART7_CTS, QUADSPI_BK2_IO3, FMC_D7, EVENTOUT - - 41 64 P10 74 41 G4 P10 H8 64 74 PE11 I/O FT - TIM1_CH2, SPI4_NSS, SAI2_SD_B, FMC_D8, EVENTOUT - - 42 65 R10 75 42 H4 R10 J8 65 75 PE12 I/O FT - TIM1_CH3N, SPI4_SCK, SAI2_SCK_B, FMC_D9, EVENTOUT - - 43 66 N11 76 43 J4 N11 K8 66 76 PE13 I/O FT - TIM1_CH3, SPI4_MISO, SAI2_FS_B, FMC_D10, EVENTOUT - Table 10. STM32F722xx and STM32F723xx pin and ball definition (continued) Pin Number Pin name (function after reset)(1) Alternate functions Additional functions STM32F722xx STM32F723xx |