| 전자부품 데이터시트 검색엔진 |
|
STM32F722IC 데이터시트(PDF) 67 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32F722IC 데이터시트(HTML) 67 Page - STMicroelectronics |
|
67 / 229 page ![]() 15 23 35 N2 41 23 J8 N2 K2 35 41 PA1 I/O FT - TIM2_CH2, TIM5_CH2, USART2_RTS, UART4_RX, QUADSPI_BK1_IO3, SAI2_MCK_B, EVENTOUT ADC1_IN1, ADC2_IN1, ADC3_IN1 16 24 36 P2 42 24 H8 P2 L2 36 42 PA2 I/O FT - TIM2_CH3, TIM5_CH3, TIM9_CH1, USART2_TX, SAI2_SCK_B, EVENTOUT ADC1_IN2, ADC2_IN2, ADC3_IN2, WKUP2 -- - F4 43 - - F4 - - 43 PH2 I/O FT - LPTIM1_IN2, QUADSPI_BK2_IO0, SAI2_SCK_B, FMC_SDCKE0, EVENTOUT - -- - G4 44 - - G4 - - 44 PH3 I/O FT - QUADSPI_BK2_IO1, SAI2_MCK_B, FMC_SDNE0, EVENTOUT - -- - H4 45 - - H4 - - 45 PH4 I/O FTf (4) I2C2_SCL, OTG_HS_ULPI_NXT, EVENTOUT - -- - J4 46 - - J4 - - 46 PH5 I/O FTf - I2C2_SDA, SPI5_NSS, FMC_SDNWE, EVENTOUT - 17 25 37 R2 47 25 H7 R2 M2 37 47 PA3 I/O FT (4) TIM2_CH4, TIM5_CH4, TIM9_CH2, USART2_RX, OTG_HS_ULPI_D0, EVENTOUT ADC1_IN3, ADC2_IN3, ADC3_IN3 18 26 38 - - 26 K8 - G4 38 - VSS S - - - - - - - L4 48 - - L4 H5 - 48 BYPASS_REG I FT - - - Table 10. STM32F722xx and STM32F723xx pin and ball definition (continued) Pin Number Pin name (function after reset)(1) Alternate functions Additional functions STM32F722xx STM32F723xx |