| 전자부품 데이터시트 검색엔진 |
|
ADSP-21486KSWZ-2AB 데이터시트(PDF) 30 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
ADSP-21486KSWZ-2AB 데이터시트(HTML) 30 Page - Analog Devices |
|
30 / 71 page ![]() Rev. H | Page 30 of 71 | February 2020 ADSP-21483/ADSP-21486/ADSP-21487/ADSP-21488/ADSP-21489 Precision Clock Generator (Direct Pin Routing) This timing is only valid when the SRU is configured such that the precision clock generator (PCG) takes its inputs directly from the DAI pins (via pin buffers) and sends its outputs directly to the DAI pins. For the other cases, where the PCG’s inputs and outputs are not directly routed to/from DAI pins (via pin buffers), there is no timing data available. All timing param- eters and switching characteristics apply to external DAI pins (DAI_P01 – DAI_P20). Table 28. Precision Clock Generator (Direct Pin Routing) Parameter Min Max Unit Timing Requirements tPCGIW Input Clock Period tPCLK × 4 ns tSTRIG PCG Trigger Setup Before Falling Edge of PCG Input Clock 4.5 ns tHTRIG PCG Trigger Hold After Falling Edge of PCG Input Clock 3ns Switching Characteristics tDPCGIO PCG Output Clock and Frame Sync Active Edge Delay After PCG Input Clock 2.5 10 ns tDTRIGCLK PCG Output Clock Delay After PCG Trigger 2.5 + (2.5 × tPCGIP) 10 + (2.5 × tPCGIP)ns tDTRIGFS PCG Frame Sync Delay After PCG Trigger 2.5 + ((2.5 + D – PH) × tPCGIP) 10 + ((2.5 + D – PH) × tPCGIP)ns tPCGOW 1 Output Clock Period 2 × tPCGIP – 1 ns D = FSxDIV, PH = FSxPHASE. For more information, see the “Precision Clock Generators” chapter in the hardware reference manual. 1 Normal mode of operation. Figure 15. Precision Clock Generator (Direct Pin Routing) DAI_Pn DPI_Pn PCG_TRIGx_I DAI_Pm DPI_Pm PCG_EXTx_I (CLKIN) DAI_Py DPI_Py PCG_CLKx_O DAI_Pz DPI_Pz PCG_FSx_O tDTRIGFS tDTRIGCLK tDPCGIO tSTRIG tHTRIG tPCGOW tDPCGIO tPCGIP |