전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

PD70101 데이터시트(PDF) 7 Page - Microchip Technology

부품명 PD70101
상세설명  PD Controller with Switching Regulator for AF/AT/UPOE/ HDBaseT/4-pair PoE Applications
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MICROCHIP [Microchip Technology]
홈페이지  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PD70101 데이터시트(HTML) 7 Page - Microchip Technology

Back Button PD70101 Datasheet HTML 3Page - Microchip Technology PD70101 Datasheet HTML 4Page - Microchip Technology PD70101 Datasheet HTML 5Page - Microchip Technology PD70101 Datasheet HTML 6Page - Microchip Technology PD70101 Datasheet HTML 7Page - Microchip Technology PD70101 Datasheet HTML 8Page - Microchip Technology PD70101 Datasheet HTML 9Page - Microchip Technology PD70101 Datasheet HTML 10Page - Microchip Technology PD70101 Datasheet HTML 11Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 36 page
background image
2.
Electrical Specifications
The following sections describe the electrical specifications of the PD70211 device.
2.1
Absolute Maximum Ratings
Performance is not necessarily guaranteed over this entire range. These are maximum stress ratings only. Exceeding
these ratings, even momentarily, can cause immediate damage or negatively impact long-term operating reliability.
Voltages are with respect to IC ground (VPN_IN).
Table 2-1. Absolute Maximum Ratings
Parameter
Min
Max
Units
VPP, VPN_OUT, RDET
–0.3
74
V
AT_FLAG, HD_FLAG, 4P_AT_FLAG, 4P_HD_FLAG
–0.3
20
V
SUPP_S1, SUPP_S2
0
VVPP + 1.5
V
RREF, RCLS, WA_EN
–0.3
5
V
VAUX_VCC
–0.3
20
V
PG, SG
–0.3
20
V
VL
–0.3
6
V
VH (with respect to VAUX_VCC)
0.3
–6
V
ENABLE
All other pins
–0.3
VL + 0.3
V
Junction temperature
–40
150
°C
Lead soldering temperature (40 s, reflow)
260
°C
Storage temperature, MSL3
–65
150
°C
ESD rating
HBM
±1.51
kV
MM
±50
V
CDM
±500
V
Note: 
1.
The VPP, VAUX/VCC, and RREF pins pass ±1 kV HBM only.
PD70211
Electrical Specifications
© 2020 Microchip Technology Inc.
Datasheet
DS00003672A-page 7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com