전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

PD70101 데이터시트(PDF) 1 Page - Microchip Technology

부품명 PD70101
상세설명  PD Controller with Switching Regulator for AF/AT/UPOE/ HDBaseT/4-pair PoE Applications
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MICROCHIP [Microchip Technology]
홈페이지  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PD70101 데이터시트(HTML) 1 Page - Microchip Technology

  PD70101 Datasheet HTML 1Page - Microchip Technology PD70101 Datasheet HTML 2Page - Microchip Technology PD70101 Datasheet HTML 3Page - Microchip Technology PD70101 Datasheet HTML 4Page - Microchip Technology PD70101 Datasheet HTML 5Page - Microchip Technology PD70101 Datasheet HTML 6Page - Microchip Technology PD70101 Datasheet HTML 7Page - Microchip Technology PD70101 Datasheet HTML 8Page - Microchip Technology PD70101 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 36 page
background image
PD70211
PD Controller with Switching Regulator for AF/AT/UPOE/
HDBaseT/4-pair PoE Applications
Product Overview
Microchip's PD70211 is an advanced PD interface IC with integrated switching Pulse-Width Modulation (PWM)
regulator control for powered devices in PoE applications. It supports IEEE
® 802.3af, IEEE 802at, HDBase-T, and
general 2/4-pair configurations.
The PD70211 front-end includes an advanced classification block that supports 2, 3, 4, and 6 event classification.
Using the SUPP_Sx pins, it also identifies the four pairs of cable that actually receive power and generate
appropriate flags.
The IC features an internal bleeder for discharging the input capacitor of the DC/DC converter rapidly to ensure fast
re-detection and port power-up, in case of a sudden removal and re-insertion of the Ethernet cable into the RJ-45.
The advanced PWM current-mode section supports synchronous Flyback and Active Clamp Forward topologies, as
well as Buck, Boost, and so on.
Features
The PD70211 device has the following key features.
• Supports IEEE 802.3af/at, HDBaseT, and other 2-pair/4-pair configurations
• Wall adapter support (Rear Aux method)
• PD detection and programmable classification
• 2, 3, 4, and 6 event classification
• Integrated 0.3Ω isolating (series-pass) FET
• Inrush current limiting
• Less than 10 µA offset current during detection
• Advanced PWM section
• Lead-free QFN-36 (6 mm × 6 mm) package
© 2020 Microchip Technology Inc.
Datasheet
DS00003672A-page 1


유사한 부품 번호 - PD70101

제조업체부품명데이터시트상세설명
logo
Microchip Technology
PD70101 MICROCHIP-PD70101 Datasheet
636Kb / 24P
IEEE짰 802.3af/at PD Front End IC
2020
PD70101 MICROCHIP-PD70101 Datasheet
1Mb / 31P
PoE IEEE짰 802.3af/at PD Controller
2020
PD70101 MICROCHIP-PD70101 Datasheet
754Kb / 30P
Front-End PD Interface Controller
2020
logo
Microsemi Corporation
PD70101 MICROSEMI-PD70101 Datasheet
831Kb / 20P
Power Over Ethernet 802.3af/at PD Controller
Rev.2.0, 17-Jan-2017
PD70101ILQ MICROSEMI-PD70101ILQ Datasheet
831Kb / 20P
Power Over Ethernet 802.3af/at PD Controller
Rev.2.0, 17-Jan-2017
More results

유사한 설명 - PD70101

제조업체부품명데이터시트상세설명
logo
Microsemi Corporation
PD671XXX-8 MICROSEMI-PD671XXX-8 Datasheet
532Kb / 14P
24-Channel PoE AF and AT DIMM
logo
Linear Technology
LT4275 LINER-LT4275 Datasheet
222Kb / 12P
LTPoE/PoE/PoE PD Controller
LT4275 LINER-LT4275_15 Datasheet
222Kb / 12P
LTPoE/PoE/PoE PD Controller
LT4276 LINER-LT4276_15 Datasheet
442Kb / 26P
LTPoE/PoE/PoE PD Forward/Flyback Controller
logo
Kingtronics Internation...
MMBT9014 KINGTRONICS-MMBT9014 Datasheet
312Kb / 2P
For switching and AF amplifier applications
MMBTSC945 KINGTRONICS-MMBTSC945 Datasheet
449Kb / 2P
For switching and AF amplifier applications
logo
ON Semiconductor
NCP1093 ONSEMI-NCP1093_17 Datasheet
127Kb / 12P
PoE-PD Interface Controller
April, 2017 ??Rev. 4
logo
Microchip Technology
PD70101 MICROCHIP-PD70101 Datasheet
1Mb / 31P
PoE IEEE짰 802.3af/at PD Controller
2020
logo
Guangdong Youtai Semico...
BC847BW UMW-BC847BW Datasheet
712Kb / 5P
For Switching and AF Amplifier Applications
BC857BW UMW-BC857BW Datasheet
601Kb / 5P
For Switching and AF Amplifier Applications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com