전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

PD70101 데이터시트(PDF) 10 Page - Microchip Technology

부품명 PD70101
상세설명  PD Controller with Switching Regulator for AF/AT/UPOE/ HDBaseT/4-pair PoE Applications
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MICROCHIP [Microchip Technology]
홈페이지  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PD70101 데이터시트(HTML) 10 Page - Microchip Technology

Back Button PD70101 Datasheet HTML 6Page - Microchip Technology PD70101 Datasheet HTML 7Page - Microchip Technology PD70101 Datasheet HTML 8Page - Microchip Technology PD70101 Datasheet HTML 9Page - Microchip Technology PD70101 Datasheet HTML 10Page - Microchip Technology PD70101 Datasheet HTML 11Page - Microchip Technology PD70101 Datasheet HTML 12Page - Microchip Technology PD70101 Datasheet HTML 13Page - Microchip Technology PD70101 Datasheet HTML 14Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 36 page
background image
...........continued
Symbol
Parameter
Conditions
Min
Typ
Max
Units
ICLASS
Classification current sink
RCLASS = not present (class 0)
—
—
3
mA
RCLASS = 133Ω (class 1)
9.5
10.5
11.5
mA
RCLASS = 69.8Ω (class 2)
17.5
18.5
19.5
mA
RCLASS = 45.3Ω (class 3)
26.5
28.0
29.5
mA
RCLASS = 30.9Ω (class 4)
38.0
40.0
42.0
mA
Isolation FET
RDSON
ON resistence
Total resistance between VPN_IN
to VPN_OUT;
ILOAD < 600 mA, –40 oC < TA < 85
oC
—
—
0.3
Ω
ICLIM_INRUSH Inrush current limit
—
105
240
325
mA
OCP
Overcurrent protection
—
2.2
—
—
A
ILOAD
Continuous operation load
—
—
—
2
A
Undervoltage Lockout
UVLOON
Threshold that marks start of
inrush phase
—
36
—
42
V
UVLOOFF
Threshold where pass- FET
turns OFF as VPP collapses
—
30.5
—
34.5
V
DC-DC Input Cap Discharger
ICAP_DIS
Discharge current
7V ≤ VPP ≤ 30V
22.8
—
60
mA
tdis
Discharge time
CDC_DC ≤ 264 μF
(by design, not tested)
—
—
500
ms
timerdis
Discharge timer
Time for which discharge circuit is
activated
430
—
—
ms
References, Rails, and Logic
VAUX
Auxiliary voltage
0 mA < IAUX < 4 mA
9.8
10.5
12.0
V
IAUX
Maximum continuous current
from VAUX
—
4
—
—
mA
IAUX
Auxiliary current limit
—
10
—
32
mA
VREF
Bandgap reference voltage
—
1.17
1.2
1.23
V
tFLAG_LO
Low level flag
For AT_FLAG, HD_FLAG,
4P_AT_FLAG, 4P_HD_FLAG,
IFLAG = 3 mA
—
—
0.4
V
IFLAG
Flag current driving capability
For AT_FLAG, HD_FLAG,
4P_AT_FLAG, 4P_HD_FLAG
5
—
—
mA
PD70211
Electrical Specifications
© 2020 Microchip Technology Inc.
Datasheet
DS00003672A-page 10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com