전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

PD70101 데이터시트(PDF) 9 Page - Microchip Technology

부품명 PD70101
상세설명  PD Controller with Switching Regulator for AF/AT/UPOE/ HDBaseT/4-pair PoE Applications
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MICROCHIP [Microchip Technology]
홈페이지  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PD70101 데이터시트(HTML) 9 Page - Microchip Technology

Back Button PD70101 Datasheet HTML 5Page - Microchip Technology PD70101 Datasheet HTML 6Page - Microchip Technology PD70101 Datasheet HTML 7Page - Microchip Technology PD70101 Datasheet HTML 8Page - Microchip Technology PD70101 Datasheet HTML 9Page - Microchip Technology PD70101 Datasheet HTML 10Page - Microchip Technology PD70101 Datasheet HTML 11Page - Microchip Technology PD70101 Datasheet HTML 12Page - Microchip Technology PD70101 Datasheet HTML 13Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 36 page
background image
2.4
Electrical Characteristics
This section describes the electrical characteristics of the front-end and PWM sections, thermal protection
mechanism against excessive internal temperature, and wall adapter mode functionality.
2.4.1
Electrical Characteristics of Front-End Section
Unless otherwise specified under conditions, the minimum and maximum ratings stated in the following table apply
over the entire specified operating ratings of the PD70211 device. Typical values are determined either by design or
by production testing at 25 °C ambient temperature. Voltages are with respect to IC ground (VPN_IN).
Table 2-5. Typical Electrical Performance
Symbol
Parameter
Conditions
Min
Typ
Max
Units
Input Voltage
IIN
IC input current with ICLASS off VPP = 55V
—
1
3
mA
Detection Phase
VDET
Detection range
—
1.1
—
10.1
V
RDET_TH
RDET disconnect threshold
—
10.1
—
12.8
V
RDS_DET_ON
ON-Resistance of internal
FET during detection
—
—
—
50
Ω
RDS_DET_OFF OFF-Resistance of internal
FET after detection
—
2
—
—
MΩ
IOFFSET_DET
Input offset current
1.1V ≤ VPP ≤ 10.1V,
TJ ≤ 85 °C
—
—
5
μA
VR_DET_ON
Threshold when VPP goes
low
—
2.8
3.0
4.85
V
Classification Phase
VCLS_ON
Classification sink turn-ON
threshold
—
11.4
—
13.7
V
VCLS_OFF
Classification sink turn-OFF
threshold
—
20.9
—
23.9
V
VHYS_CLS_ON Hysteresis of VCLS_ON
threshold
—
—
1
—
V
VMARK_TH
Mark detection threshold
(VPP falling)
—
10.1
—
11.4
V
IMARK
Current sink in the mark event
region
—
0.25
—
4
mA
ICLASS_CLIM
Current limit of class current
—
50
68
80
mA
PD70211
Electrical Specifications
© 2020 Microchip Technology Inc.
Datasheet
DS00003672A-page 9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com