전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

PD70101 데이터시트(PDF) 8 Page - Microchip Technology

부품명 PD70101
상세설명  PD Controller with Switching Regulator for AF/AT/UPOE/ HDBaseT/4-pair PoE Applications
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MICROCHIP [Microchip Technology]
홈페이지  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PD70101 데이터시트(HTML) 8 Page - Microchip Technology

Back Button PD70101 Datasheet HTML 4Page - Microchip Technology PD70101 Datasheet HTML 5Page - Microchip Technology PD70101 Datasheet HTML 6Page - Microchip Technology PD70101 Datasheet HTML 7Page - Microchip Technology PD70101 Datasheet HTML 8Page - Microchip Technology PD70101 Datasheet HTML 9Page - Microchip Technology PD70101 Datasheet HTML 10Page - Microchip Technology PD70101 Datasheet HTML 11Page - Microchip Technology PD70101 Datasheet HTML 12Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 36 page
background image
2.2
Operating Ratings
Performance is generally guaranteed over this range, as detailed in the 2.4.1 Electrical Characteristics of Front-End
Section. Voltages are with respect to IC ground (VPN_IN).
Table 2-2. Operating Ratings of Front-End Section
Parameter
Min
Max
Units
VPP
0
57
V
Ambient temperature1
–40
85
°C
Detection range
1.1
10.1
V
Mark event range
4.9
10.1
V
Class event range
13.7
20.9
V
Note: 
1.
The corresponding maximum operating junction temperature is 125 °C.
Performance is generally guaranteed over the range, as detailed in the 2.4.2 Electrical Characteristics of PWM
Section. Voltages are with respect to IC ground.
Table 2-3. Operating Ratings of PWM Section
Parameter
Min
Max
Units
VCC
7.8
20
V
FSW (Adjustable Frequency Range)
100
500
kHz
Maximum duty cycle
44.5
%
fsw_synch (Synchronization Frequency Range)
200
1000
kHz
2.3
Thermal Properties
The following table lists the thermal specifications of the PD70211 device.
Table 2-4. Thermal Properties
Thermal Resistance
Min
Typ
Max
Units
θJA
22.3
°C/W
θJP
3
°C/W
θJC
4
°C/W
Note:  The θJx numbers assume no forced airflow. Junction temperature is calculated using TJ = TA + (PD x qjA). In
particular, θJA is a function of the PCB construction. Published thermal resistance is for a four-layer board in
accordance with the JESD-51 (JEDEC) standards.
PD70211
Electrical Specifications
© 2020 Microchip Technology Inc.
Datasheet
DS00003672A-page 8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com