| 전자부품 데이터시트 검색엔진 |
|
DS20006554A 데이터시트(PDF) 6 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
DS20006554A 데이터시트(HTML) 6 Page - Microchip Technology |
|
6 / 94 page ![]() ZL30260-ZL30263 Data Sheet 6 © 2021 Microchip Technology Inc. DS20006554A 2.5 Evaluation Software • Simple, intuitive Windows-based graphical user interface • Supports all device features and register fields • Makes lab evaluation of the ZL30260/5/6/7 quick and easy • Generates configuration scripts to be stored in external (ZL30260,2) or internal (ZL30261,3) EEPROM • Generates full or partial configuration scripts to be run on a system processor • Works with or without an evaluation board 3. Pin Diagram The device is packaged in a 8x8mm 56-pin QFN. Figure 3 - Pin Diagram VDDL XB XA VDDH VDDL OC1N OC1P VDDOA RSTN VDDIO VDDL VDDH VDDL OC10N OC10P VDDOF 21 22 23 24 26 27 28 25 50 49 48 47 45 44 43 46 1 2 3 4 5 6 7 8 36 35 34 33 32 31 30 29 GND (E-pad) 15 16 17 18 20 19 9 10 11 12 13 14 42 41 40 39 38 37 56 55 54 53 51 52 OC2P OC2N VDDL OC3N OC3P VDDOB OC9P OC9N VDDL OC8N OC8P VDDH |