전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SCIMX6DP4AVT1AB 데이터시트(PDF) 33 Page - NXP Semiconductors

부품명 SCIMX6DP4AVT1AB
상세설명  i.MX 6DualPlus/6QuadPlus Automotive Applications Processors
PDF  166 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  NXP [NXP Semiconductors]
홈페이지  http://www.nxp.com
Logo NXP - NXP Semiconductors

SCIMX6DP4AVT1AB 데이터시트(HTML) 33 Page - NXP Semiconductors

Back Button SCIMX6DP4AVT1AB Datasheet HTML 29Page - NXP Semiconductors SCIMX6DP4AVT1AB Datasheet HTML 30Page - NXP Semiconductors SCIMX6DP4AVT1AB Datasheet HTML 31Page - NXP Semiconductors SCIMX6DP4AVT1AB Datasheet HTML 32Page - NXP Semiconductors SCIMX6DP4AVT1AB Datasheet HTML 33Page - NXP Semiconductors SCIMX6DP4AVT1AB Datasheet HTML 34Page - NXP Semiconductors SCIMX6DP4AVT1AB Datasheet HTML 35Page - NXP Semiconductors SCIMX6DP4AVT1AB Datasheet HTML 36Page - NXP Semiconductors SCIMX6DP4AVT1AB Datasheet HTML 37Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 166 page
background image
Electrical Characteristics
i.MX 6DualPlus/6QuadPlus Automotive Applications Processors, Rev. 3, 11/2018
NXP Semiconductors
33
4.2
Power Supplies Requirements and Restrictions
The system design must comply with power-up sequence, power-down sequence, and steady state
guidelines as described in this section to ensure the reliable operation of the device. Any deviation from
these sequences may result in the following situations:
•
Excessive current during power-up phase
•
Prevention of the device from booting
•
Irreversible damage to the processor
4.2.1
Power-Up Sequence
For power-up sequence, the restrictions are as follows:
•
VDD_SNVS_IN supply must be turned ON before any other power supply. It may be connected
(shorted) with VDD_HIGH_IN supply.
•
If a coin cell is used to power VDD_SNVS_IN, then ensure that it is connected before any other
supply is switched on.
•
The SRC_POR_B signal controls the processor POR and must be immediately asserted at
power-up and remain asserted until the VDD_ARM_CAP, VDD_SOC_CAP, and VDD_PU_CAP
supplies are stable. VDD_ARM_IN and VDD_SOC_IN may be applied in either order with no
restrictions.
NOTE
Ensure that there is no back voltage (leakage) from any supply on the board
towards the 3.3 V supply (for example, from the external components that
use both the 1.8 V and 3.3 V supplies).
NOTE
USB_OTG_VBUS and USB_H1_VBUS are not part of the power supply
sequence and can be powered at any time.
4.2.2
Power-Down Sequence
There are no special restrictions for i.MX 6DualPlus/6QuadPlus SoC.
4.2.3
Power Supplies Usage
•
All I/O pins must not be externally driven while the I/O power supply for the pin (NVCC_xxx) is
OFF. This can cause internal latch-up and malfunctions due to reverse current flows. For
information about I/O power supply of each pin, see the “Power Group” column of Table 96, “21
x 21 mm Functional Contact Assignments”.
•
When the SATA interface is not used, the SATA_VP and SATA_VPH supplies should be grounded.
The input and output supplies for rest of the ports (SATA_REXT, SATA_PHY_RX_N,
SATA_PHY_RX_P, and SATA_PHY_TX_N) can remain unconnected. It is recommended not to
turn OFF the SATA_VPH supply while the SATA_VP supply is ON, as it may lead to excessive



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com