전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SCIMX6DP4AVT1AB 데이터시트(PDF) 44 Page - NXP Semiconductors

부품명 SCIMX6DP4AVT1AB
상세설명  i.MX 6DualPlus/6QuadPlus Automotive Applications Processors
PDF  166 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  NXP [NXP Semiconductors]
홈페이지  http://www.nxp.com
Logo NXP - NXP Semiconductors

SCIMX6DP4AVT1AB 데이터시트(HTML) 44 Page - NXP Semiconductors

Back Button SCIMX6DP4AVT1AB Datasheet HTML 40Page - NXP Semiconductors SCIMX6DP4AVT1AB Datasheet HTML 41Page - NXP Semiconductors SCIMX6DP4AVT1AB Datasheet HTML 42Page - NXP Semiconductors SCIMX6DP4AVT1AB Datasheet HTML 43Page - NXP Semiconductors SCIMX6DP4AVT1AB Datasheet HTML 44Page - NXP Semiconductors SCIMX6DP4AVT1AB Datasheet HTML 45Page - NXP Semiconductors SCIMX6DP4AVT1AB Datasheet HTML 46Page - NXP Semiconductors SCIMX6DP4AVT1AB Datasheet HTML 47Page - NXP Semiconductors SCIMX6DP4AVT1AB Datasheet HTML 48Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 166 page
background image
i.MX 6DualPlus/6QuadPlus Automotive Applications Processors, Rev. 3, 11/2018
44
NXP Semiconductors
Electrical Characteristics
4.7
I/O AC Parameters
This section includes the AC parameters of the following I/O types:
•
General Purpose I/O (GPIO)
•
Double Data Rate I/O (DDR) for LPDDR2 and DDR3/DDR3L modes
•LVDS I/O
•MLB I/O
The GPIO and DDR I/O load circuit and output transition time waveforms are shown in Figure 4 and
Figure 5.
Figure 4. Load Circuit for Output
Figure 5. Output Transition Time Waveform
Table 27. MLB I/O DC Parameters
Parameter
Symbol
Test Conditions
Min
Max
Unit
Output Differential Voltage
VOD
Rload = 50
Ω between padP and padN
300
500
mV
Output High Voltage
VOH
1.15
1.75
V
Output Low Voltage
VOL
0.75
1.35
V
Common-mode Output Voltage
((Vpad_P + Vpad_N) / 2))
VOCM
11.5
V
Differential Output Impedance
ZO
—1.6
—
k
Ω
Test Point
From Output
CL
CL includes package, probe and fixture capacitance
Under Test
0V
OVDD
20%
80%
80%
20%
tr
tf
Output (at pad)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com