전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SCIMX6DP4AVT1AB 데이터시트(PDF) 95 Page - NXP Semiconductors

부품명 SCIMX6DP4AVT1AB
상세설명  i.MX 6DualPlus/6QuadPlus Automotive Applications Processors
PDF  166 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  NXP [NXP Semiconductors]
홈페이지  http://www.nxp.com
Logo NXP - NXP Semiconductors

SCIMX6DP4AVT1AB 데이터시트(HTML) 95 Page - NXP Semiconductors

Back Button SCIMX6DP4AVT1AB Datasheet HTML 91Page - NXP Semiconductors SCIMX6DP4AVT1AB Datasheet HTML 92Page - NXP Semiconductors SCIMX6DP4AVT1AB Datasheet HTML 93Page - NXP Semiconductors SCIMX6DP4AVT1AB Datasheet HTML 94Page - NXP Semiconductors SCIMX6DP4AVT1AB Datasheet HTML 95Page - NXP Semiconductors SCIMX6DP4AVT1AB Datasheet HTML 96Page - NXP Semiconductors SCIMX6DP4AVT1AB Datasheet HTML 97Page - NXP Semiconductors SCIMX6DP4AVT1AB Datasheet HTML 98Page - NXP Semiconductors SCIMX6DP4AVT1AB Datasheet HTML 99Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 95 / 166 page
background image
Electrical Characteristics
i.MX 6DualPlus/6QuadPlus Automotive Applications Processors, Rev. 3, 11/2018
NXP Semiconductors
95
4.12.10.1 IPU Sensor Interface Signal Mapping
The IPU supports a number of sensor input formats. Table 62 defines the mapping of the Sensor Interface
Pins used for various supported interface formats.
Table 62. Camera Input Signal Cross Reference, Format, and Bits Per Cycle
Signal
Name1
1 IPU2_CSIx stands for IPU2_CSI1 or IPU2_CSI2.
RGB565
8 bits
2 cycles
RGB5652
8 bits
3 cycles
RGB6663
8 bits
3 cycles
RGB888
8 bits
3 cycles
YCbCr4
8 bits
2 cycles
RGB5655
16 bits
1 cycle
YCbCr6
16 bits
1 cycle
YCbCr7
16 bits
1 cycle
YCbCr8
20 bits
1 cycle
IPUx_CSIx_
DATA00
———
—
—
—
—
0
C[0]
IPUx_CSIx_
DATA01
———
—
—
—
—
0
C[1]
IPUx_CSIx_
DATA02
—
—
—
—
—
—
—
C[0]
C[2]
IPUx_CSIx_
DATA03
—
—
—
—
—
—
—
C[1]
C[3]
IPUx_CSIx_
DATA04
—
—
—
—
—
B[0]
C[0]
C[2]
C[4]
IPU2_CSIx_
DATA_05
—
—
—
—
—
B[1]
C[1]
C[3]
C[5]
IPUx_CSIx_
DATA06
—
—
—
—
—
B[2]
C[2]
C[4]
C[6]
IPUx_CSIx_
DATA07
—
—
—
—
—
B[3]
C[3]
C[5]
C[7]
IPUx_CSIx_
DATA08
—
—
—
—
—
B[4]
C[4]
C[6]
C[8]
IPUx_CSIx_
DATA09
—
—
—
—
—
G[0]
C[5]
C[7]
C[9]
IPUx_CSIx_
DATA10
—
—
—
—
—
G[1]
C[6]
0
Y[0]
IPUx_CSIx_
DATA11
—
—
—
—
—
G[2]
C[7]
0
Y[1]
IPUx_CSIx_
DATA12
B[0], G[3]
R[2],G[4],B[2]
R/G/B[4]
R/G/B[0]
Y/C[0]
G[3]
Y[0]
Y[0]
Y[2]
IPUx_CSIx_
DATA13
B[1], G[4]
R[3],G[5],B[3]
R/G/B[5]
R/G/B[1]
Y/C[1]
G[4]
Y[1]
Y[1]
Y[3]
IPUx_CSIx_
DATA14
B[2], G[5]
R[4],G[0],B[4]
R/G/B[0]
R/G/B[2]
Y/C[2]
G[5]
Y[2]
Y[2]
Y[4]
IPUx_CSIx_
DATA15
B[3], R[0]
R[0],G[1],B[0]
R/G/B[1]
R/G/B[3]
Y/C[3]
R[0]
Y[3]
Y[3]
Y[5]
IPUx_CSIx_
DATA16
B[4], R[1]
R[1],G[2],B[1]
R/G/B[2]
R/G/B[4]
Y/C[4]
R[1]
Y[4]
Y[4]
Y[6]
IPUx_CSIx_
DATA17
G[0], R[2]
R[2],G[3],B[2]
R/G/B[3]
R/G/B[5]
Y/C[5]
R[2]
Y[5]
Y[5]
Y[7]
IPUx_CSIx_
DATA18
G[1], R[3]
R[3],G[4],B[3]
R/G/B[4]
R/G/B[6]
Y/C[6]
R[3]
Y[6]
Y[6]
Y[8]
IPUx_CSIx_
DATA19
G[2], R[4]
R[4],G[5],B[4]
R/G/B[5]
R/G/B[7]
Y/C[7]
R[4]
Y[7]
Y[7]
Y[9]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More