전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SCIMX6DP4AVT1AB 데이터시트(PDF) 89 Page - NXP Semiconductors

부품명 SCIMX6DP4AVT1AB
상세설명  i.MX 6DualPlus/6QuadPlus Automotive Applications Processors
PDF  166 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  NXP [NXP Semiconductors]
홈페이지  http://www.nxp.com
Logo NXP - NXP Semiconductors

SCIMX6DP4AVT1AB 데이터시트(HTML) 89 Page - NXP Semiconductors

Back Button SCIMX6DP4AVT1AB Datasheet HTML 85Page - NXP Semiconductors SCIMX6DP4AVT1AB Datasheet HTML 86Page - NXP Semiconductors SCIMX6DP4AVT1AB Datasheet HTML 87Page - NXP Semiconductors SCIMX6DP4AVT1AB Datasheet HTML 88Page - NXP Semiconductors SCIMX6DP4AVT1AB Datasheet HTML 89Page - NXP Semiconductors SCIMX6DP4AVT1AB Datasheet HTML 90Page - NXP Semiconductors SCIMX6DP4AVT1AB Datasheet HTML 91Page - NXP Semiconductors SCIMX6DP4AVT1AB Datasheet HTML 92Page - NXP Semiconductors SCIMX6DP4AVT1AB Datasheet HTML 93Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 89 / 166 page
background image
Electrical Characteristics
i.MX 6DualPlus/6QuadPlus Automotive Applications Processors, Rev. 3, 11/2018
NXP Semiconductors
89
Power-up time for the HDMI 3D Tx PHY while operating with the fastest input reference clock supported
(340 MHz) is 133
μs.
4.12.7.2
Electrical Characteristics
The table below provides electrical characteristics for the HDMI 3D Tx PHY. The following three figures
illustrate various definitions and measurement conditions specified in the table below.
Figure 50. Driver Measuring Conditions
Figure 51. Driver Definitions
Figure 52. Source Termination
Table 59. Electrical Characteristics
Symbol
Parameter
Condition
Min
Typ
Max
Unit
Operating conditions for HDMI
avddtmds Termination supply voltage
—
3.15
3.3
3.45
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More