전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SCIMX6DP4AVT1AB 데이터시트(PDF) 90 Page - NXP Semiconductors

부품명 SCIMX6DP4AVT1AB
상세설명  i.MX 6DualPlus/6QuadPlus Automotive Applications Processors
PDF  166 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  NXP [NXP Semiconductors]
홈페이지  http://www.nxp.com
Logo NXP - NXP Semiconductors

SCIMX6DP4AVT1AB 데이터시트(HTML) 90 Page - NXP Semiconductors

Back Button SCIMX6DP4AVT1AB Datasheet HTML 86Page - NXP Semiconductors SCIMX6DP4AVT1AB Datasheet HTML 87Page - NXP Semiconductors SCIMX6DP4AVT1AB Datasheet HTML 88Page - NXP Semiconductors SCIMX6DP4AVT1AB Datasheet HTML 89Page - NXP Semiconductors SCIMX6DP4AVT1AB Datasheet HTML 90Page - NXP Semiconductors SCIMX6DP4AVT1AB Datasheet HTML 91Page - NXP Semiconductors SCIMX6DP4AVT1AB Datasheet HTML 92Page - NXP Semiconductors SCIMX6DP4AVT1AB Datasheet HTML 93Page - NXP Semiconductors SCIMX6DP4AVT1AB Datasheet HTML 94Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 90 / 166 page
background image
i.MX 6DualPlus/6QuadPlus Automotive Applications Processors, Rev. 3, 11/2018
90
NXP Semiconductors
Electrical Characteristics
4.12.8
Switching Characteristics
Table 60 describes switching characteristics for the HDMI 3D Tx PHY. Figure 53 to Figure 57 illustrate
various parameters specified in table.
NOTE
All dynamic parameters related to the TMDS line drivers’ performance
imply the use of assembly guidelines.
R
T
Termination resistance
—
45
50
55
Ω
TMDS drivers DC specifications
V
OFF
Single-ended standby voltage
RT = 50
Ω
For measurement conditions and
definitions, see the first two figures
above.
Compliance point TP1 as defined in
the HDMI specification, version 1.3a,
section 4.2.4.
avddtmds ± 10 mV
mV
V
SWING
Single-ended output swing voltage
400
—
600
mV
V
H
Single-ended output high voltage
For definition, see the second
figure above.
If attached sink supports TMDSCLK <
or = 165 MHz
avddtmds ± 10 mV
mV
If attached sink supports TMDSCLK >
165 MHz
avddtmds
– 200 mV
—
avddtmds
+ 10 mV
mV
VL
Single-ended output low voltage
For definition, see the second
figure above.
If attached sink supports TMDSCLK <
or = 165 MHz
avddtmds
– 600 mV
—
avddtmds
– 400mV
mV
If attached sink supports TMDSCLK >
165 MHz
avddtmds
– 700 mV
—
avddtmds
– 400 mV
mV
RTERM
Differential source termination load
(inside HDMI 3D Tx PHY)
Although the HDMI 3D Tx PHY
includes differential source
termination, the user-defined value
is set for each single line (for
illustration, see the third figure
above).
Note: RTERM can also be
configured to be open and not
present on TMDS channels.
—
50
—
200
Ω
Hot plug detect specifications
HPDVH
Hot plug detect high range
—
2.0
—
5.3
V
VHPD
VL
Hot plug detect low range
—
0
—
0.8
V
HPD
Z
Hot plug detect input impedance
—
10
—
—
k
Ω
HPD
t
Hot plug detect time delay
—
—
—
100
µs
Table 59. Electrical Characteristics (continued)
Symbol
Parameter
Condition
Min
Typ
Max
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com