전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AS5601 데이터시트(PDF) 26 Page - ams AG

부품명 AS5601
상세설명  12-Bit Programmable Contactless Encoder
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AMSCO [ams AG]
홈페이지  http://www.ams.com
Logo AMSCO - ams AG

AS5601 데이터시트(HTML) 26 Page - ams AG

Back Button AS5601 Datasheet HTML 22Page - ams AG AS5601 Datasheet HTML 23Page - ams AG AS5601 Datasheet HTML 24Page - ams AG AS5601 Datasheet HTML 25Page - ams AG AS5601 Datasheet HTML 26Page - ams AG AS5601 Datasheet HTML 27Page - ams AG AS5601 Datasheet HTML 28Page - ams AG AS5601 Datasheet HTML 29Page - ams AG AS5601 Datasheet HTML 30Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 44 page
background image
Page 26
ams Datasheet
Document Feedback
[v1-07] 2016-Sep-09
AS5601 − Register Description
Absolute Position Feature for Quadrature
Output
The absolute angular position of the magnet is transmitted on
the quadrature output of the position sensor after startup. By
counting these pulses after startup, the absolute position
within one turn of an encoder knob is known without separate
initialization as shown in Figure 25.
Figure 25:
Example Quadrature Output for Position 8dec After Startup
time
Transmitting absolute
position „8 dec“ after startup
A
B
Position
01 2 3 4 5 6 7 8
16
17 18 19 20 21 22 23 24
Slower movement to
position „16 dec“
Faster movement to
position „32 dec“
25 26 27 28 29 30 31 32
14
15
910
11
12
13
Startup Position
Faster
Rotation
Slower
Rotation
NO
Rotation
Absolut
position
known
?



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44