전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AS5601 데이터시트(PDF) 31 Page - ams AG

부품명 AS5601
상세설명  12-Bit Programmable Contactless Encoder
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AMSCO [ams AG]
홈페이지  http://www.ams.com
Logo AMSCO - ams AG

AS5601 데이터시트(HTML) 31 Page - ams AG

Back Button AS5601 Datasheet HTML 27Page - ams AG AS5601 Datasheet HTML 28Page - ams AG AS5601 Datasheet HTML 29Page - ams AG AS5601 Datasheet HTML 30Page - ams AG AS5601 Datasheet HTML 31Page - ams AG AS5601 Datasheet HTML 32Page - ams AG AS5601 Datasheet HTML 33Page - ams AG AS5601 Datasheet HTML 34Page - ams AG AS5601 Datasheet HTML 35Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 44 page
background image
ams Datasheet
Page 31
[v1-07] 2016-Sep-09
Document Feedback
AS5601 − Register Description
Figure 32:
Step Response (fast filter ON)
Hysteresis
To suppress spurious toggling of the output when the magnet
is not moving, a 1 to 3 LSB hysteresis of the 12-bit resolution
can be enabled with the HYST bits in the CONF register.
Magnet Detection
As a safety and diagnostic feature, the AS5601 indicates the
absence of the magnet. If the measured magnet field strength
goes below the minimum specified level (Bz_ERROR),
quadrature output is not updated and the MD bit in the STATUS
register is 0.
Input
Sampling
Frequency
Settling Time
according slow filter setting
Noise
Fast Filter
Noise
slow filter
Output
response
Fast filter step response
Threshold



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44