전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AS5601 데이터시트(PDF) 29 Page - ams AG

부품명 AS5601
상세설명  12-Bit Programmable Contactless Encoder
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AMSCO [ams AG]
홈페이지  http://www.ams.com
Logo AMSCO - ams AG

AS5601 데이터시트(HTML) 29 Page - ams AG

Back Button AS5601 Datasheet HTML 25Page - ams AG AS5601 Datasheet HTML 26Page - ams AG AS5601 Datasheet HTML 27Page - ams AG AS5601 Datasheet HTML 28Page - ams AG AS5601 Datasheet HTML 29Page - ams AG AS5601 Datasheet HTML 30Page - ams AG AS5601 Datasheet HTML 31Page - ams AG AS5601 Datasheet HTML 32Page - ams AG AS5601 Datasheet HTML 33Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 44 page
background image
ams Datasheet
Page 29
[v1-07] 2016-Sep-09
Document Feedback
AS5601 − Register Description
Figure 28:
Magnetic Field Threshold Over Time
Step Response and Filter Settings
The AS5601 has a digital post-processing programmable filter
which can be set in fast or slow modes. The fast filter mode can
be enabled by setting a fast filter threshold in the FTH bits of
the CONF register.
If the fast filter is OFF, the step output response is controlled by
the slow linear filter as shown in Figure 30. The step response
of the slow filter is programmable with the SF bits in the CONF
register. Figure 29 shows the tradeoff between delay and noise
for the different SF bit settings.
Figure 29:
Step Response Delay vs. Noise Band
SF
Step Response
Delay (ms)
Max. RMS Output Noise
(1 Sigma) (Degree)
00
2.2
0.015
01
1.1
0.021
10
0.55
0.030
11
0.286
0.043
PUSHTHR
time
Long time averaged
magnetic field
Long time averaged
magnetic field
Push detection
treshold



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44