전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AS5601 데이터시트(PDF) 30 Page - ams AG

부품명 AS5601
상세설명  12-Bit Programmable Contactless Encoder
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AMSCO [ams AG]
홈페이지  http://www.ams.com
Logo AMSCO - ams AG

AS5601 데이터시트(HTML) 30 Page - ams AG

Back Button AS5601 Datasheet HTML 26Page - ams AG AS5601 Datasheet HTML 27Page - ams AG AS5601 Datasheet HTML 28Page - ams AG AS5601 Datasheet HTML 29Page - ams AG AS5601 Datasheet HTML 30Page - ams AG AS5601 Datasheet HTML 31Page - ams AG AS5601 Datasheet HTML 32Page - ams AG AS5601 Datasheet HTML 33Page - ams AG AS5601 Datasheet HTML 34Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 44 page
background image
Page 30
ams Datasheet
Document Feedback
[v1-07] 2016-Sep-09
AS5601 − Register Description
Figure 30:
Step Response (fast filter OFF)
For a fast step response and low noise after settling, the fast
filter can be enabled. The fast filter works only if the input
variation is greater than the fast filter threshold, otherwise the
output response is determined only by the slow filter. The fast
filter threshold is programmed with the FTH bits in the CONF
register. As shown in Figure 32, the fast filter (corresponds with
SF=11) kicks in and takes care of a fast settling. The larger noise
band of the fast filter is reduced again after the slow filter
(depicted is setting SF=00) has taken over. The different noise
bands are shown in Figure 29.
Figure 31:
Fast Filter Threshold
FTH
Fast Filter Threshold (LSB)
Slow-to-Fast Filter
Fast-to-Slow Filter
000
Slow Filter Only
001
6
1
010
7
1
011
9
1
100
18
2
101
21
2
110
24
2
111
10
4
Input
Output
response
Sampling
Frequency
Settling Time
according slow filter setting
Noise



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44