전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AS5601 데이터시트(PDF) 32 Page - ams AG

부품명 AS5601
상세설명  12-Bit Programmable Contactless Encoder
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AMSCO [ams AG]
홈페이지  http://www.ams.com
Logo AMSCO - ams AG

AS5601 데이터시트(HTML) 32 Page - ams AG

Back Button AS5601 Datasheet HTML 28Page - ams AG AS5601 Datasheet HTML 29Page - ams AG AS5601 Datasheet HTML 30Page - ams AG AS5601 Datasheet HTML 31Page - ams AG AS5601 Datasheet HTML 32Page - ams AG AS5601 Datasheet HTML 33Page - ams AG AS5601 Datasheet HTML 34Page - ams AG AS5601 Datasheet HTML 35Page - ams AG AS5601 Datasheet HTML 36Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 44 page
background image
Page 32
ams Datasheet
Document Feedback
[v1-07] 2016-Sep-09
AS5601 − Register Description
Low Power Modes
A digital state machine automatically manages the low power
modes to reduce the average current consumption. Three
low-power modes are available and can be enabled with the
PM bits in the CONF register.
In a low-power mode, the fast filter is automatically disabled,
because there is no need for a fast settling time if the output
refresh is as fast as the polling cycles.
Watchdog Timer
The watchdog timer allows saving power by switching into
LMP3 if the angle stays within the watchdog threshold of 4 LSB
for at least one minute, as shown in Figure 33. The watchdog
function can be enabled by setting the WD bit in the CONF
register.
Figure 33:
Watchdog Timer Function
1 minute
Watchdog
threshold
LPM3
NOM,LPM1,
LPM2
NOM,LPM1,
LPM2
Output Value
4 LSB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44