전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AS3956 데이터시트(PDF) 3 Page - ams AG

부품명 AS3956
상세설명  NFC Forum Compliant Dynamic Tag
PDF  107 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AMSCO [ams AG]
홈페이지  http://www.ams.com
Logo AMSCO - ams AG

AS3956 데이터시트(HTML) 3 Page - ams AG

  AS3956 Datasheet HTML 1Page - ams AG AS3956 Datasheet HTML 2Page - ams AG AS3956 Datasheet HTML 3Page - ams AG AS3956 Datasheet HTML 4Page - ams AG AS3956 Datasheet HTML 5Page - ams AG AS3956 Datasheet HTML 6Page - ams AG AS3956 Datasheet HTML 7Page - ams AG AS3956 Datasheet HTML 8Page - ams AG AS3956 Datasheet HTML 9Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 107 page
background image
ams Datasheet
Page 3
[v1-11] 2018-Nov-14
Document Feedback
AS3956 − General Description
Applications
AS3956 is suited to a wide range of applications, including
• NFC connection handover (Bluetooth™,
Bluetooth Low Energy, Wi-Fi pairing)
• Equipment setup, service and configuration
• Firmware upgrades
• Activity and status logging
• Wireless authentication (e.g. access control to buildings
and equipment)
Typical Markets:
• EMV payment cards
• Consumer electronics, wearables and smart clothing
• Home appliances
• Automotive
• Industrial equipment and building automation
• Remote sensing
• Gaming
A typical system diagram is depicted in Figure 2.
At the presence of a 13.56 MHz field generated by a NFC device,
AS3956 powers up, notifies the microcontroller through a
wake-up signal and handles the tag activation sequence.
Depending on configuration, several operations are then
possible:
• AS3956 exchanges with the NFC device NDEF data stored
in the internal EEPROM
• The microcontroller exchanges with the NFC device NDEF
data stored in external memory
• The microcontroller exchanges data with AS3956. This
operation can be performed concurrently with
communication over the RF link, or also in absence of RF
power, in presence of an external supply.
Figure 2:
Typical System Diagram
AS3956
microcontroller
I²C or SPI
wake-up



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More