전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AS3956 데이터시트(PDF) 36 Page - ams AG

부품명 AS3956
상세설명  NFC Forum Compliant Dynamic Tag
PDF  107 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AMSCO [ams AG]
홈페이지  http://www.ams.com
Logo AMSCO - ams AG

AS3956 데이터시트(HTML) 36 Page - ams AG

Back Button AS3956 Datasheet HTML 32Page - ams AG AS3956 Datasheet HTML 33Page - ams AG AS3956 Datasheet HTML 34Page - ams AG AS3956 Datasheet HTML 35Page - ams AG AS3956 Datasheet HTML 36Page - ams AG AS3956 Datasheet HTML 37Page - ams AG AS3956 Datasheet HTML 38Page - ams AG AS3956 Datasheet HTML 39Page - ams AG AS3956 Datasheet HTML 40Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 107 page
background image
Page 36
ams Datasheet
Document Feedback
[v1-11] 2018-Nov-14
AS3956 − Detailed Description
Configuration Byte AUTH_CNT
Figure 34:
Configuration Byte AUTH_CNT
Note(s):
1. This byte can always be accessed for read and write via the SPI / I²C and can’t be accessed for read and write from the RF side.
This byte indicates the number of allowed unsuccessful
authentication attempts over RF available before disabling the
chip. The byte consists of two separate counters where the
second counter is a copy of the first counter.
These counters are updated at each failed authentication. At
each successful authentication, counters are reset to 7 and, at
each unsuccessful authentication attempt, counters are
decreased by one. If the value of the counters reaches 0, the
chip will be permanently locked and cannot be authenticated
any longer over the RF field. The chip will also be locked in case
the two counter values don’t match. The lock can always be
cleared via SPI / I²C interface.
Conf. Bit
Name
Default
Function
Note
b7
rfu
0
b6
auth_cnt2<2>
1
Authentication counter 2
b5
auth_cnt2<1>
1
b4
auth_cnt2<0>
1
b3
rfu
0
b2
auth_cnt1<2>
1
Authentication counter 1
b1
auth_cnt1<1>
1
b0
auth_cnt1<0>
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More