전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

38B5 데이터시트(PDF) 39 Page - Renesas Technology Corp

부품명 38B5
상세설명  SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  RENESAS [Renesas Technology Corp]
홈페이지  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

38B5 데이터시트(HTML) 39 Page - Renesas Technology Corp

Back Button 38B5 Datasheet HTML 35Page - Renesas Technology Corp 38B5 Datasheet HTML 36Page - Renesas Technology Corp 38B5 Datasheet HTML 37Page - Renesas Technology Corp 38B5 Datasheet HTML 38Page - Renesas Technology Corp 38B5 Datasheet HTML 39Page - Renesas Technology Corp 38B5 Datasheet HTML 40Page - Renesas Technology Corp 38B5 Datasheet HTML 41Page - Renesas Technology Corp 38B5 Datasheet HTML 42Page - Renesas Technology Corp 38B5 Datasheet HTML 43Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 70 page
background image
MITSUBISHI MICROCOMPUTERS
38B5 Group
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
38
PRELIMINAR
Y
Notice:
This
is not
a final
specification.
Some
parametric
limits
are
subject
to change.
Fig. 41 Segment/Digit Setting Example
FLD automatic display pins
When the automatic display control bits of the FLDC mode register
(address 0EF416) are set to “1,” the ports of P0, P1, P2, P3 and P8
are used as FLD automatic display pins.
When using the FLD automatic display mode, set each port to the
FLD pin or the general-purpose port using the respective switch reg-
ister in accordance with the number of segments and the number of
digits.
This setting is performed by writing a value into the FLD/port switch
register (addresses 0EF916 to 0EFB16) of each port.
This setting can be performed in units of bit. When “0” is set, the port
is set to the general-purpose port. When “1” is set, the port is set to
the FLD pin. There is no restriction on whether the FLD pin is to be
used as a segment pin or a digit pin.
Table 7 Pins in FLD Automatic Display Mode
Port Name
Automatic Display Pins
Setting Method
P0, P2,
FLD0–FLD15
The individual bits of the FLD/port switch register (addresses 0EF916–0EFB16) can be set each pin
P80–P83
FLD32–FLD35
either FLD port (“1”) or general-purpose port (“0”).
P1, P3
FLD16–FLD31
None (FLD only)
P84–P87
FLD36–FLD39
The individual bits of the FLD/port switch register (address 0EFB16) can be set each pin to either
FLD port (“1”) or general-purpose port (“0”).
The output can be reversed by the port P8 FLD output control register (address 0EFC16).
The port output format is the CMOS output format. When using the port as a display pin, a driver
must be installed externally.
15
8
P24
P25
P26
P27
P20
P21
P22
P23
0
0
0
0
0
0
0
0
FLD16(DIG1)
FLD17(DIG2)
FLD18(DIG3)
FLD19(DIG4)
FLD20(SEG4)
FLD21(SEG5)
FLD22(SEG6)
FLD23(SEG7)
P04
P05
FLD14(SEG2)
FLD15(SEG3)
FLD8(SEG1)
P01
P02
P03
1
0
0
0
0
0
1
1
FLD32(SEG12)
FLD33(SEG13)
FLD34(SEG14)
FLD35(SEG15)
P84
P85
P86
P87
FLD24(SEG8)
FLD25(SEG9)
FLD26(SEG10)
FLD27(SEG11)
FLD28(DIG5)
FLD29(DIG6)
FLD30(DIG7)
FLD31(DIG8)
1
1
1
1
0
0
0
0
25
15
FLD8(SEG9)
FLD9(SEG10)
FLD10(SEG11)
FLD11(SEG12)
FLD12(SEG13)
FLD13(SEG14)
FLD14(SEG15)
FLD15(SEG16)
1
1
1
1
1
1
1
1
FLD0(SEG1)
FLD1(SEG2)
FLD2(SEG3)
FLD3(SEG4)
FLD4(SEG5)
FLD5(SEG6)
FLD6(SEG7)
FLD7(SEG8)
FLD16(DIG1)
FLD17(DIG2)
FLD18(DIG3)
FLD19(DIG4)
FLD20(DIG5)
FLD21(DIG6)
FLD22(DIG7)
FLD23(DIG8)
1
1
1
1
1
1
1
1
FLD24(DIG9)
FLD25(DIG10)
FLD26(DIG11)
FLD27(DIG12)
FLD28(DIG13)
FLD29(DIG14)
FLD30(DIG15)
FLD31(SEG17)
FLD32(SEG18)
FLD33(SEG19)
FLD34(SEG20)
FLD35(SEG21)
1
1
1
1
1
1
1
1
FLD36(SEG22)
FLD37(SEG23)
FLD38(SEG24)
FLD39(SEG25)
18
20
FLD8(DIG1)
FLD9(DIG2)
FLD10(DIG3)
FLD11(DIG4)
FLD12(DIG5)
FLD13(DIG6)
FLD14(DIG7)
FLD15(DIG8)
1
1
1
1
1
1
FLD2(SEG1)
FLD3(SEG2)
FLD4(SEG3)
FLD5(SEG4)
FLD6(SEG5)
FLD7(SEG6)
FLD16(DIG9)
FLD17(DIG10)
FLD18(DIG11)
FLD19(DIG12)
FLD20(DIG13)
FLD21(DIG14)
FLD22(DIG15)
FLD23(DIG16)
1
1
1
1
1
1
1
1
FLD24(DIG17)
FLD25(DIG18)
FLD26(DIG19)
FLD27(DIG20)
FLD28(SEG7)
FLD29(SEG8)
FLD32(SEG11)
FLD33(SEG12)
FLD34(SEG13)
FLD35(SEG14)
1
1
1
1
1
1
1
1
FLD36(SEG15)
FLD37(SEG16)
FLD38(SEG17)
FLD39(SEG18)
16
10
0
1
1
1
1
1
1
1
1
1
1
1
1
1
1
0
0
1
1
1
1
1
1
1
1
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
P20
P21
P22
P23
FLD4(SEG1)
FLD5(SEG2)
FLD6(SEG3)
FLD7(SEG4)
FLD8(SEG5)
FLD9(SEG6)
FLD10(SEG7)
FLD11(SEG8)
FLD12(SEG9)
FLD13(SEG10)
FLD14(SEG11)
FLD15(SEG12)
FLD16(DIG1)
FLD17(DIG2)
FLD18(DIG3)
FLD19(DIG4)
FLD20(DIG5)
FLD21(DIG6)
FLD22(DIG7)
FLD23(DIG8)
FLD24(DIG9)
FLD25(DIG10)
FLD26(SEG13)
FLD27(SEG14)
FLD28(SEG15)
FLD29(SEG16)
P81
P80
P82
P83
P84
P85
P86
P87
0
0
1
1
1
1
1
1
1
1
1
1
1
1
0
0
0
0
P20
P21
FLD30(SEG9)
FLD31(SEG10)
1
1
1
1
1
1
1
0
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
0
0
0
0
0
0
0
0
P24
P25
Number of segments
Number of digits
Port P2
Setting example 1
Setting example 2
Setting example 3
Setting example 4
Port P0
Port P1
Port P3
Port P8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com