전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

38B5 데이터시트(PDF) 46 Page - Renesas Technology Corp

부품명 38B5
상세설명  SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  RENESAS [Renesas Technology Corp]
홈페이지  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

38B5 데이터시트(HTML) 46 Page - Renesas Technology Corp

Back Button 38B5 Datasheet HTML 42Page - Renesas Technology Corp 38B5 Datasheet HTML 43Page - Renesas Technology Corp 38B5 Datasheet HTML 44Page - Renesas Technology Corp 38B5 Datasheet HTML 45Page - Renesas Technology Corp 38B5 Datasheet HTML 46Page - Renesas Technology Corp 38B5 Datasheet HTML 47Page - Renesas Technology Corp 38B5 Datasheet HTML 48Page - Renesas Technology Corp 38B5 Datasheet HTML 49Page - Renesas Technology Corp 38B5 Datasheet HTML 50Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 70 page
background image
MITSUBISHI MICROCOMPUTERS
38B5 Group
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
45
PRELIMINAR
Y
Notice:
This
is not
a final
specification.
Some
parametric
limits
are
subject
to change.
Timing setting
Each timing is set by the FLDC mode register, Tdisp time set regis-
ter, Toff1 time set register, and Toff2 time set register.
•Tdisp time setting
Set the Tdisp time by the Tdisp counter count source selection bit of
the FLDC mode register and the Tdisp time set register.
Supposing that the value of the Tdisp time set register is n, the
Tdisp time is represented as Tdisp = (n+1) ! t (t: count source
synchronization).
When the Tdisp counter count source selection bit of the FLDC mode
register is “0” and the value of the Tdisp time set register is 200
(C816), the Tdisp time is: Tdisp = (200+1) ! 4 (at XIN= 4 MHz) = 804
µs. When reading the Tdisp time set register, the value in the
counter is read out.
•Toff1 time setting
Set the Toff1 time by the Toff1 time set register.
Supposing that the value of the Toff1 time set register is n1, the
Toff1 time is represented as Toff1 = n1 ! t.
When the Tdisp counter count source selection bit of the FLDC mode
register is “0” and the value of the Toff1 time set register is 30
(1E16), Toff1 = 30 ! 4 (at XIN = 4 MHz) = 120 µs.
•Toff2 time setting
Set the Toff2 time by the Toff2 time set register.
Supposing that the value of the Toff2 time set register is n2, the
Toff2 time is represented as Toff2 = n2 ! t.
When the Tdisp counter count source selection bit of the FLDC mode
register is “0” and the value of the Toff2 time set register is 180
(B416), Toff2 = 180 ! 4 (at XIN = 4 MHz) = 720 µs.
This Toff2 time setting is valid only for FLD ports which are in the
gradation display mode and whose gradation display control RAM
value is “1.”
FLD automatic display start
To perform FLD automatic display, set the following registers.
•Port P0FLD/port switch register
•Port P2FLD/port switch register
•Port P8FLD/port switch register
•FLDC mode register
•Tdisp time set register
•Toff1 time set register
•Toff2 time set register
•FLD data pointer
FLD automatic display mode is selected by writing “1” to the bit 0 of
the FLDC mode register (address 0EF416), and the automatic dis-
play is started by writing “1” to bit 1. During FLD automatic display,
bit 1 of the FLDC mode register (address 0EF416) always keeps “1,”
and FLD automatic display can be interrupted by writing “0” to bit 1.
Key-scan
When a key-scan is performed with the segment during key-scan
blanking period Tscan, take the following sequence:
1. Write “0” to bit 0 of the FLDC mode register (address 0EF416).
2. Set the port corresponding to the segment for key-scan to the
output port.
3. Perform the key-scan.
4. After the key-scan is performed, write “1” to bit 0 of FLDC mode
register (address 0EF416).
s Note
When performing a key-scan according to the above steps 1 to 4,
take the following points into consideration.
1. Do not set “0” in bit 1 of the FLDC mode register (address 0EF416).
2. Do not set “1” in the ports corresponding to digits.
P84 to P87 FLD Output Reverse Function
P84 to P87 are provided with a function to reverse the polarity of the
FLD output. This function is useful in adjusting the polarity when
using an externally installed driver.
The output polarity can be reversed by setting bit 0 of the port P8
FLD output control register to “1.”



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com