전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

38B5 데이터시트(PDF) 58 Page - Renesas Technology Corp

부품명 38B5
상세설명  SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  RENESAS [Renesas Technology Corp]
홈페이지  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

38B5 데이터시트(HTML) 58 Page - Renesas Technology Corp

Back Button 38B5 Datasheet HTML 54Page - Renesas Technology Corp 38B5 Datasheet HTML 55Page - Renesas Technology Corp 38B5 Datasheet HTML 56Page - Renesas Technology Corp 38B5 Datasheet HTML 57Page - Renesas Technology Corp 38B5 Datasheet HTML 58Page - Renesas Technology Corp 38B5 Datasheet HTML 59Page - Renesas Technology Corp 38B5 Datasheet HTML 60Page - Renesas Technology Corp 38B5 Datasheet HTML 61Page - Renesas Technology Corp 38B5 Datasheet HTML 62Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 58 / 70 page
background image
MITSUBISHI MICROCOMPUTERS
38B5 Group
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
57
PRELIMINAR
Y
Notice:
This
is not
a final
specification.
Some
parametric
limits
are
subject
to change.
Clock Generating Circuit
The 38B5 group has two built-in oscillation circuits. An oscillation
circuit can be formed by connecting a resonator between XIN and
XOUT (XCIN and XCOUT). Use the circuit constants in accordance with
the resonator manufacturer's recommended values. No
external resistor is needed between XIN and XOUT since a feedback
resistor exists on-chip. However, an external feedback resistor is
needed between XCIN and XCOUT.
Immediately after power on, only the XIN oscillation circuit starts
oscillating, and XCIN and XCOUT pins function as I/O ports.
qFrequency control
(1) Middle-speed mode
The internal system clock is the frequency of XIN divided by 4. After
reset, this mode is selected.
(2) High-speed mode
The internal system clock is the frequency of XIN.
(3) Low-speed mode
The internal system clock is the frequency of XCIN divided by 2.
sNote
If you switch the mode between middle/high-speed and low-speed,
stabilize both XIN and XCIN oscillations. The sufficient time is required
for the sub clock to stabilize, especially immediately after power on
and at returning from stop mode. When switching the mode between
middle/high-speed and low-speed, set the frequency on condition
that f(XIN) > 3f(XCIN).
(4) Low power consumption mode
The low power consumption operation can be realized by stopping
the main clock XIN in low-speed mode. To stop the main clock, set bit
5 of the CPU mode register to “1.” When the main clock XIN is re-
started (by setting the main clock stop bit to “0”), set enough time for
oscillation to stabilize.
By clearing furthermore the XCOUT drivability selection bit (b3) of CPU
mode register to “0,” low power consumption operation of less than
200 µA (f(XCIN) = 32 kHz) can be realized by reducing the drivability
between XCIN and XCOUT. At reset or during STP instruction execu-
tion this bit is set to “1” and a strong drivability that has an easy
oscillation start is set.
qOscillation control
(1) Stop mode
If the STP instruction is executed, the internal system clock stops at
an “H” level, and XIN and XCIN oscillators stop. Timer 1 is set to “FF16
and timer 2 is set to “0116.”
Either XIN divided by 8 or XCIN divided by 16 is input to timer 1 as
count source, and the output of timer 1 is connected to timer 2. The
bits of the timer 12 mode register are cleared to “0.” Set the interrupt
enable bits of the timer 1 and timer 2 to disabled (“0”) before execut-
ing the STP instruction. Oscillator restarts when an external interrupt
is received, but the internal system clock is not supplied to the CPU
until timer 1 underflows. This allows time for the clock circuit oscilla-
tion to stabilize.
(2) Wait mode
If the WIT instruction is executed, the internal system clock stops at
an “H” level. The states of XIN and XCIN are the same as the state
before executing the WIT instruction. The internal system clock re-
starts at reset or when an interrupt is received. Since the oscillator
does not stop, normal operation can be started immediately after the
clock is restarted.
Fig. 68 Ceramic Resonator Circuit
Fig. 69 External Clock Input Circuit
XIN
XOUT
External oscillation circuit
VCC
VSS
open
XCIN
XCOUT
External oscillation circuit
or external pulse
open
VCC
VSS
XCIN
XCOUT
XIN
XOUT
CIN
COUT
CCIN
CCOUT
Rf
Rd



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com