전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

38B5 데이터시트(PDF) 8 Page - Renesas Technology Corp

부품명 38B5
상세설명  SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  RENESAS [Renesas Technology Corp]
홈페이지  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

38B5 데이터시트(HTML) 8 Page - Renesas Technology Corp

Back Button 38B5 Datasheet HTML 4Page - Renesas Technology Corp 38B5 Datasheet HTML 5Page - Renesas Technology Corp 38B5 Datasheet HTML 6Page - Renesas Technology Corp 38B5 Datasheet HTML 7Page - Renesas Technology Corp 38B5 Datasheet HTML 8Page - Renesas Technology Corp 38B5 Datasheet HTML 9Page - Renesas Technology Corp 38B5 Datasheet HTML 10Page - Renesas Technology Corp 38B5 Datasheet HTML 11Page - Renesas Technology Corp 38B5 Datasheet HTML 12Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 70 page
background image
MITSUBISHI MICROCOMPUTERS
38B5 Group
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
7
PRELIMINAR
Y
Notice:
This
is not
a final
specification.
Some
parametric
limits
are
subject
to change.
FUNCTIONAL DESCRIPTION
Central Processing Unit (CPU)
The 38B5 group uses the standard 740 family instruction set. Refer
to the table of 740 family addressing modes and machine instruc-
tions or the 740 Family Software Manual for details on the instruction
set.
Machine-resident 740 Family instructions are as follows:
•The FST and SLW instructions cannot be used.
•The MUL, DIV, WIT and STP instructions can be used.
Fig. 5 Structure of CPU Mode Register
[CPU Mode Register] CPUM
The CPU mode register contains the stack page selection bit and
internal system clock control bits. The CPU mode register is allo-
cated at address 003B16.
CPU mode register
(CPUM (CM) : address 003B16)
b7
b0
Stack page selection bit
0 : 0 page
1 : 1 page
Main clock (XIN-XOUT) stop bit
0 : oscillating
1 : stopped
Main clock division ratio selection bit
0 : f(XIN)
(high-speed mode)
1 : f(XIN)/4 (middle-speed mode)
Internal system clock selection bit
0 : XIN–XOUT selection (middle-/high-speed mode)
1 : XCIN–XCOUT selection (low-speed mode)
Processor mode bits
b1 b0
0
0 : Single-chip mode
0
1
1
0
Not available
1
1
Port XC switch bit
0 : I/O port function (stop oscillating)
1 : XCIN-XCOUT oscillating function
XCOUT drivability selection bit
0 : Low drive
1 : High drive



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com