전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

VV5430 데이터시트(PDF) 12 Page - STMicroelectronics

부품명 VV5430
상세설명  Monochrome Analog Output CMOS Image Sensors
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VV5430 데이터시트(HTML) 12 Page - STMicroelectronics

Back Button VV5430 Datasheet HTML 8Page - STMicroelectronics VV5430 Datasheet HTML 9Page - STMicroelectronics VV5430 Datasheet HTML 10Page - STMicroelectronics VV5430 Datasheet HTML 11Page - STMicroelectronics VV5430 Datasheet HTML 12Page - STMicroelectronics VV5430 Datasheet HTML 13Page - STMicroelectronics VV5430 Datasheet HTML 14Page - STMicroelectronics VV5430 Datasheet HTML 15Page - STMicroelectronics VV5430 Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 33 page
background image
Video Standards
VV5430
CD5430F-A
12/33
EIA Timing Diagrams
Figure 4 : EIA composite video signal - line level timing
Figure 5 : EIA composite video signal - field level timing
0.3v
peak white level
blanking level
sync. level
line period H = 63.5
µs
line sync. 4.83
µs
back porch 4.00
µs
line time reference point
line sync. 0.25
± 0.05µs
line blank 0.3
± 0.1µs
rise times
(10% - 90%) {
2.4v
0.9v
front porch 1.33
µs
black level
1.0v
19H
20H
field 1
field 2
3H
3H
3H
field 0
field 1
3H
3H
3H
frame start



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com