전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

VV5430 데이터시트(PDF) 24 Page - STMicroelectronics

부품명 VV5430
상세설명  Monochrome Analog Output CMOS Image Sensors
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VV5430 데이터시트(HTML) 24 Page - STMicroelectronics

Back Button VV5430 Datasheet HTML 20Page - STMicroelectronics VV5430 Datasheet HTML 21Page - STMicroelectronics VV5430 Datasheet HTML 22Page - STMicroelectronics VV5430 Datasheet HTML 23Page - STMicroelectronics VV5430 Datasheet HTML 24Page - STMicroelectronics VV5430 Datasheet HTML 25Page - STMicroelectronics VV5430 Datasheet HTML 26Page - STMicroelectronics VV5430 Datasheet HTML 27Page - STMicroelectronics VV5430 Datasheet HTML 28Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 33 page
background image
Write to Camera
VV5430
CD5430F-A
24/33
10.2 Header Codes
The message can be a configuration word, an exposure, gain or calibration value. The camera’s interpretation of the header code
and the set-up code message are given in the table below. Defaults for each control bit are built in to the camera’s reset cycle,
and may be changed on-the-fly under host control.
10.3 Message content
The following Tables contain details of the data associated with each header code, and the number of valid data bits in each of
the registers. In all cases the full 12 bit message tail can be sent, the valid bits being packed to the lsb. (Normally, the unused bits
would be assigned zeroes.)
Code
Interpretation
Comment
0000
Invalid
0001
Set-up code_1 (9 bits)
Basic funtionality options
0010
Set-up code_2 (9 bits)
Pixel control & Read Data
0011
Coarse exposure value (9 bits)
Set AEC=0 to enable
0100
Fine exposure value (9 bits)
Set AEC=0 to enable
0101
Gain control value (4 bits)
Set AGC=0 to enable
0110
Unused
0111
Unused
1000
Exposure control T1 threshold (9 bit)
1001
Exposure control T2 threshold (9 bit)
1010
Analogue control register (8 bit)
1011
Reserved
Not applicable to normal use
1100
Reserved
Not applicable to normal use
1101
Reserved
Not applicable to normal use
1110
Set-up code_3 (6 bits)
Pixel synchronisation
1111
Test mode select
Not applicable to normal use
Table 14 : Header Codes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com