전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

VV5430 데이터시트(PDF) 20 Page - STMicroelectronics

부품명 VV5430
상세설명  Monochrome Analog Output CMOS Image Sensors
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VV5430 데이터시트(HTML) 20 Page - STMicroelectronics

Back Button VV5430 Datasheet HTML 16Page - STMicroelectronics VV5430 Datasheet HTML 17Page - STMicroelectronics VV5430 Datasheet HTML 18Page - STMicroelectronics VV5430 Datasheet HTML 19Page - STMicroelectronics VV5430 Datasheet HTML 20Page - STMicroelectronics VV5430 Datasheet HTML 21Page - STMicroelectronics VV5430 Datasheet HTML 22Page - STMicroelectronics VV5430 Datasheet HTML 23Page - STMicroelectronics VV5430 Datasheet HTML 24Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 33 page
background image
Serial Communication
VV5430
CD5430F-A
20/33
8.
Serial Communication
The VV5430 includes a full duplex (two-wire) serial interface, and can be controlled and configured by a host processor. The base
bus address for the VV5430 is 20H, but the two least significant bits of the address (SAB0, SAB1) can be selected by hard-wiring
pins 20 and 16. This allows up to four separate camera devices to be controlled on one serial link, which, for example, makes
multiplexing of camera outputs possible.
The serial interface reads or writes data to a set of Registers that define the characterisation of the sensor, and control certain
operations.
8.1
Serial Communication Protocol
The host must perform the role of a communications master and the camera acts as either a slave receiver or transmitters
communication between host and camera takes the form of three or five byte messages of 8-bit data, with a maximum serial clock
(SCL) frequency of 100kHz. Since the serial clock is generated by the host, the host determines the data transfer rate.
The host processor initiates a message by forcing both Serial Data (SDA) and Serial Clock (SCL) low. The first byte addresses
the required device, and defines either a READ message (four bytes to follow) or a WRITE message (two bytes to follow). After
the camera has acknowledged a valid address (ACK, bit 9 of SCL), the host then either reads four bytes of data from the camera
or transmits a further two bytes to the camera. The data transfer protocol on the bus is illustrated below:
Figure 8 : Data Transfer Protocol
1
2
78
9
1
2
3 - 8
9
Start condition
Stop condition
SDA
SCL
MSB
ACK
ACK
Read/Write bit
Acknowledge from receiver
P
S



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com