전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

VV5430 데이터시트(PDF) 19 Page - STMicroelectronics

부품명 VV5430
상세설명  Monochrome Analog Output CMOS Image Sensors
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VV5430 데이터시트(HTML) 19 Page - STMicroelectronics

Back Button VV5430 Datasheet HTML 15Page - STMicroelectronics VV5430 Datasheet HTML 16Page - STMicroelectronics VV5430 Datasheet HTML 17Page - STMicroelectronics VV5430 Datasheet HTML 18Page - STMicroelectronics VV5430 Datasheet HTML 19Page - STMicroelectronics VV5430 Datasheet HTML 20Page - STMicroelectronics VV5430 Datasheet HTML 21Page - STMicroelectronics VV5430 Datasheet HTML 22Page - STMicroelectronics VV5430 Datasheet HTML 23Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 33 page
background image
VV5430
Exposure Control
CD5430F-A
19/33
7.3
Backlit Mode
The VV5430 can be configured to operate in two auto-exposure modes, selected by the BKLIT pin (pin28) state, or via the serial
interface (Setup Code_1, bit 0). The default mode (BKLIT = 0) provides exposure control for normally illuminated scenes. For
scenes where a bright background can cause the foreground subject to be severely under exposed, the ‘Backlit’ mode (BKLIT =
1) offers superior performance.
‘Backlit Mode’ (BKLIT=1) operates by using a higher threshold level for the exposure control comparator over the central area of
an image, which is therefore exposed for longer and so enhanced. The area in which the higher comparator threshold is used
when BKLIT=1 is illustrated below:
Figure 7 : Backlit exposure region
Note: The threshold level used for the central area is a preset mutiple of the normal mode reference level, and is not
alterable. In some circumstances this may not be sufficient difference to cause a noticable effect on the overall expo-
sure of the image.
10%
30%
80%
80%
25%
75%
Normal operation (BKLIT=0)
Higher threshold area (BKLIT=1)
Visible
25%
90%
image
Higher
Threshold
Exposure
control area



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com