전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

VV5430 데이터시트(PDF) 27 Page - STMicroelectronics

부품명 VV5430
상세설명  Monochrome Analog Output CMOS Image Sensors
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VV5430 데이터시트(HTML) 27 Page - STMicroelectronics

Back Button VV5430 Datasheet HTML 23Page - STMicroelectronics VV5430 Datasheet HTML 24Page - STMicroelectronics VV5430 Datasheet HTML 25Page - STMicroelectronics VV5430 Datasheet HTML 26Page - STMicroelectronics VV5430 Datasheet HTML 27Page - STMicroelectronics VV5430 Datasheet HTML 28Page - STMicroelectronics VV5430 Datasheet HTML 29Page - STMicroelectronics VV5430 Datasheet HTML 30Page - STMicroelectronics VV5430 Datasheet HTML 31Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 33 page
background image
VV5430
Write to Camera
CD5430F-A
27/33
Header Code (fine)
= 0100
Valid data bits: 9
The 18 bit exposure control value is formed from two 9-bit values, coarse (9 msb’s) and fine (9 lsb’s). For external exposure
control (AEC = 0) the exposure value can be set via the serial interface (header codes 0011 and 0100). Values written that
exceed the mode dependant maxima will be ignored and the maximum will be used.
Exposure Control Thresholds T1 and T2
Header Code (T1)
= 1000
Valid data bits: 9
Header Code (T2)
= 1001
Valid data bits: 9
The lower and upper pixel count thresholds are used by the automatic exposure controller. The power-on default values for T1
and T2 are exposure mode and video mode dependant. If the external pixel threshold control bit (bit 6 in Setup Code_2 register)
is set the internal default values for T1 and T2 are overridden by the serial interface values. Note that only the most significant
nine bits of each seventeen bit threshold can be controlled.
Bit
Function
CCIR
min
max
EIA
min
max
Comments
0-8
Coarse exposure value
0
310
0
260
Header code 0011
0-8
Fine exposure value
0
404
0
325
Header code 0100
9-11
Unused
Table 18 : Exposure Values
Bit
DAC
Comments
0 - 8
Lower Exposure control threshold (T1)
Header Code 1000
0 - 8
Upper Exposure control threshold (T2)
Header Code 1001
9 - 11
Unused
Table 19 : Pixel Count Thresholds (T1,T2)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com