전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

L9780 데이터시트(PDF) 54 Page - STMicroelectronics

부품명 L9780
상세설명  Wide range air fuel sensor control interface
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9780 데이터시트(HTML) 54 Page - STMicroelectronics

Back Button L9780 Datasheet HTML 48Page - STMicroelectronics L9780 Datasheet HTML 49Page - STMicroelectronics L9780 Datasheet HTML 50Page - STMicroelectronics L9780 Datasheet HTML 51Page - STMicroelectronics L9780 Datasheet HTML 52Page - STMicroelectronics L9780 Datasheet HTML 53Page - STMicroelectronics L9780 Datasheet HTML 54Page - STMicroelectronics L9780 Datasheet HTML 55Page - STMicroelectronics L9780 Datasheet HTML 56Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 54 / 56 page
background image
Package information
L9780
54/56
DocID026356 Rev 3
9
Package information
In order to meet environmental requirements, ST offers these devices in different grades of
ECOPACK® packages, depending on their level of environmental compliance. ECOPACK®
specifications, grade definitions and product status are available at: www.st.com.
ECOPACK® is an ST trademark.
Figure 14. LQFP48 mechanical data and package dimensions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56