전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

L9966 데이터시트(PDF) 102 Page - STMicroelectronics

부품명 L9966
상세설명  FlexInput IC for automotive applications
PDF  122 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9966 데이터시트(HTML) 102 Page - STMicroelectronics

Back Button L9966 Datasheet HTML 98Page - STMicroelectronics L9966 Datasheet HTML 99Page - STMicroelectronics L9966 Datasheet HTML 100Page - STMicroelectronics L9966 Datasheet HTML 101Page - STMicroelectronics L9966 Datasheet HTML 102Page - STMicroelectronics L9966 Datasheet HTML 103Page - STMicroelectronics L9966 Datasheet HTML 104Page - STMicroelectronics L9966 Datasheet HTML 105Page - STMicroelectronics L9966 Datasheet HTML 106Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 102 / 122 page
background image
Range
Field name/description
Reset
Value
Reset
Event
Pull-up selection (when ADC Resistance selected), division factor (ADC Voltage selected,
except for UBSW, VI5V, VIX, BG)
'00: no pullup, full range = 5 V (1.2 5 V for IO[15:13])
[01] pullup RR1, full range = 20 V
10: pullup RR2, full range = 40 V
11: pullup RR3, full range = 1.25 V
RSTn
[0]
R_VOLT_MEAS_SELECT
ADC Resistance / Voltage selection
0: Resistance ADC selected (ADC2)
1: Voltage ADC selected (ADC1)
0
PORn
RSTn
L9966
SC_CONF
DS12459 - Rev 10
page 102/122



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More