전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

VL53L1 데이터시트(PDF) 7 Page - STMicroelectronics

부품명 VL53L1
상세설명  New generation Time-of-Flight ranging sensor with advanced multi-zone and multi-object detection
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VL53L1 데이터시트(HTML) 7 Page - STMicroelectronics

Back Button VL53L1 Datasheet HTML 3Page - STMicroelectronics VL53L1 Datasheet HTML 4Page - STMicroelectronics VL53L1 Datasheet HTML 5Page - STMicroelectronics VL53L1 Datasheet HTML 6Page - STMicroelectronics VL53L1 Datasheet HTML 7Page - STMicroelectronics VL53L1 Datasheet HTML 8Page - STMicroelectronics VL53L1 Datasheet HTML 9Page - STMicroelectronics VL53L1 Datasheet HTML 10Page - STMicroelectronics VL53L1 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 39 page
background image
DocID029631 Rev 12
7/39
VL53L1
Product overview
39
Table 3 and Table 4 show recommended values for pull-up and series resistors for an AVDD
of 1.8 V to 2.8 V in I2C Fast mode (up to 400 kHz) and Fast mode plus (up to 1 MHz).
Table 3. Suggested pull-up and series resistors for I2C Fast mode
I2C load capacitance (CL) (1)
1. For each bus line, CL is measured in application PCB by customer.
Pull-up resistor (Ohms)
Series resistor (Ohms)
CL ≤ 90 pF
3.6 k
0
90 pF < CL ≤ 140 pF
2.4 k
0
140 pF < CL ≤ 270 pF
1.2 k
0
270 pF < CL ≤ 400 pF
0.8 k
0
Table 4. Suggested pull-up and series resistors for I2C Fast mode plus
I2C load capacitance (CL)(1)
1. For each bus line, CL is measured in application PCB by customer.
Pull-up resistor (Ohms)
Series resistor (Ohms)
CL ≤ 90 pF
1.5 k
100
90 pF < CL ≤ 140 pF
1 k
50
140 pF < CL ≤ 270 pF
0.5 k
50
270 pF < CL ≤ 400 pF
0.3 k
50



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com