전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

VL53L1 데이터시트(PDF) 4 Page - STMicroelectronics

부품명 VL53L1
상세설명  New generation Time-of-Flight ranging sensor with advanced multi-zone and multi-object detection
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VL53L1 데이터시트(HTML) 4 Page - STMicroelectronics

  VL53L1 Datasheet HTML 1Page - STMicroelectronics VL53L1 Datasheet HTML 2Page - STMicroelectronics VL53L1 Datasheet HTML 3Page - STMicroelectronics VL53L1 Datasheet HTML 4Page - STMicroelectronics VL53L1 Datasheet HTML 5Page - STMicroelectronics VL53L1 Datasheet HTML 6Page - STMicroelectronics VL53L1 Datasheet HTML 7Page - STMicroelectronics VL53L1 Datasheet HTML 8Page - STMicroelectronics VL53L1 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 39 page
background image
Product overview
VL53L1
4/39
DocID029631 Rev 12
1
Product overview
1.1
Technical specification
1.2
System block diagram
Figure 1. VL53L1 block diagram
Table 1. Technical specification
Feature
Detail
Package
Optical LGA12
Size
4.9 x 2.5 x 1.56 mm
Operating voltage
2.6 to 3.5 V
Operating temperature:
-20 to 85°C
Infrared emitter
940 nm
I2C
Up to 1MHz (Fast mode plus) serial bus
Address: 0x52



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39