| 전자부품 데이터시트 검색엔진 |
|
GSIB660 데이터시트(PDF) 36 Page - Toshiba Semiconductor |
|
|
|||||||||||||||||||||||||||||
GSIB660 데이터시트(HTML) 36 Page - Toshiba Semiconductor |
|
36 / 70 page ![]() C645 2401-002235 C-AL;10UF,20%,16V,GP,TP,5X11MM,5MM AZ164031 1 C652 2401-002235 C-AL;10UF,20%,16V,GP,TP,5X11MM,5MM AZ164031 1 C603 2401-002235 C-AL;10UF,20%,16V,GP,TP,5X11MM,5MM AZ164031 1 C207 2401-002235 C-AL;10UF,20%,16V,GP,TP,5X11MM,5MM AZ164031 1 C708 2401-002235 C-AL;10UF,20%,16V,GP,TP,5X11MM,5MM AZ164031 1 C239 2401-002235 C-AL;10UF,20%,16V,GP,TP,5X11MM,5MM AZ164031 1 C214 2305-000665 C-FILM,MPEF;100nF,5%,63V,TP,7.5x4.0x5.0m AZ162027 1 C605 2305-000665 C-FILM,MPEF;100nF,5%,63V,TP,7.5x4.0x5.0m AZ162027 1 C620 2305-000665 C-FILM,MPEF;100nF,5%,63V,TP,7.5x4.0x5.0m AZ162027 1 C635 2305-000665 C-FILM,MPEF;100nF,5%,63V,TP,7.5x4.0x5.0m AZ162027 1 C646 2305-000665 C-FILM,MPEF;100nF,5%,63V,TP,7.5x4.0x5.0m AZ162027 1 C829 2305-000665 C-FILM,MPEF;100nF,5%,63V,TP,7.5x4.0x5.0m AZ162027 1 C837 2305-000665 C-FILM,MPEF;100nF,5%,63V,TP,7.5x4.0x5.0m AZ162027 1 C839 2305-000665 C-FILM,MPEF;100nF,5%,63V,TP,7.5x4.0x5.0m AZ162027 1 C916 2305-000665 C-FILM,MPEF;100nF,5%,63V,TP,7.5x4.0x5.0m AZ162027 1 C914 2305-000665 C-FILM,MPEF;100nF,5%,63V,TP,7.5x4.0x5.0m AZ162027 1 C831 2305-000665 C-FILM,MPEF;100nF,5%,63V,TP,7.5x4.0x5.0m AZ162027 1 C825 2305-000665 C-FILM,MPEF;100nF,5%,63V,TP,7.5x4.0x5.0m AZ162027 1 C240 2305-000665 C-FILM,MPEF;100nF,5%,63V,TP,7.5x4.0x5.0m AZ162027 1 C208 2401-001026 C-AL;3.3uF,20%,50V,GP,TP,5x11mm,5mm AZ164018 1 C636 2401-001026 C-AL;3.3uF,20%,50V,GP,TP,5x11mm,5mm AZ164018 1 C905 2202-000796 C-CERAMIC,MLC-AXIAL;1nF,10%,50V,Y5P,TP,3 AZ161102 1 C607 2202-000796 C-CERAMIC,MLC-AXIAL;1nF,10%,50V,Y5P,TP,3 AZ161102 1 C608 2202-000796 C-CERAMIC,MLC-AXIAL;1nF,10%,50V,Y5P,TP,3 AZ161102 1 C211 2202-000796 C-CERAMIC,MLC-AXIAL;1nF,10%,50V,Y5P,TP,3 AZ161102 1 C923 2202-000796 C-CERAMIC,MLC-AXIAL;1nF,10%,50V,Y5P,TP,3 AZ161102 1 C212 2301-000224 C-FILM,PEF;22nF,5%,50V,TP,7.4x3.9x13mm AZ162006 1 C213 2301-000247 C-FILM,PEF;33nF,5%,50V,TP,8.1x4.5x13mm,5 AZ162007 1 C218 2202-000632 C-CERAMIC,MLC-AXIAL;100nF,20%,50V,Z5U,TP AZ161703 1 C219 2202-000632 C-CERAMIC,MLC-AXIAL;100nF,20%,50V,Z5U,TP AZ161703 1 C220 2202-000632 C-CERAMIC,MLC-AXIAL;100nF,20%,50V,Z5U,TP AZ161703 1 C901 2202-000632 C-CERAMIC,MLC-AXIAL;100nF,20%,50V,Z5U,TP AZ161703 1 C921 2202-000632 C-CERAMIC,MLC-AXIAL;100nF,20%,50V,Z5U,TP AZ161703 1 C922 2202-000632 C-CERAMIC,MLC-AXIAL;100nF,20%,50V,Z5U,TP AZ161703 1 C919 2202-000632 C-CERAMIC,MLC-AXIAL;100nF,20%,50V,Z5U,TP AZ161703 1 C924 2202-000632 C-CERAMIC,MLC-AXIAL;100nF,20%,50V,Z5U,TP AZ161703 1 C907 2305-000412 C-FILM,MPEF;470nF,5%,63V,TP,-,5mm AZ162025 1 C308 2305-000412 C-FILM,MPEF;470nF,5%,63V,TP,-,5mm AZ162025 1 C237 2401-000914 C-AL;22uF,20%,16V,GP,TP,5x11,5 AZ164043 1 C604 2401-000603 C-AL;1uF,20%,50V,GP,TP,5x11,5 AZ164011 1 C201 2401-000603 C-AL;1uF,20%,50V,GP,TP,5x11,5 AZ164011 1 C841 2401-000603 C-AL;1uF,20%,50V,GP,TP,5x11,5 AZ164011 1 C304 2305-000285 C-FILM,MPEF;220nF,5%,100V,TP,20x18x11.5 AZ162020 1 C305 2305-000149 C-FILM,MPEF;100nF,5%,100V,TP,12x12.5x6.5 AZ162016 1 C821 2301-000192 C-FILM,PEF;1nF,5%,50V,TP,5.3x10mm,5mm AZ162003 1 C902 2301-000192 C-FILM,PEF;1nF,5%,50V,TP,5.3x10mm,5mm AZ162003 1 C307 2401-000360 C-AL;100uF,20%,50V,GP,TP,8x11.5,5 AZ164006 1 C302 2401-000360 C-AL;100uF,20%,50V,GP,TP,8x11.5,5 AZ164006 1 C401 2201-000556 C-CERAMIC,DISC;0.47nF,10%,500V,Y5P,TP,5. AZ163011 1 C403 2201-000556 C-CERAMIC,DISC;0.47nF,10%,500V,Y5P,TP,5. AZ163011 1 C421 2201-000556 C-CERAMIC,DISC;0.47nF,10%,500V,Y5P,TP,5. AZ163011 1 C402 2401-001397 C-AL;470uF,20%,25V,GP,TP,10x16,5 AZ164024 1 C404 2401-001397 C-AL;470uF,20%,25V,GP,TP,10x16,5 AZ164024 1 C408 2305-000382 C-FILM,MPEF;4.7NF,5%,400V,TP,-,5MM AZ162023 1 C414 2401-002597 C-AL;220uF,20%,35V,GP,TP,10x12.5,5 AZ164049 1 C418 2401-002597 C-AL;220uF,20%,35V,GP,TP,10x12.5,5 AZ164049 1 C422 2401-001527 C-AL;47uF,20%,250V,HR,TP,13x25mm,5m AZ165010 1 C424 2201-000132 C-CERAMIC,DISC;0.1nF,10%,500V,Y5P,TP,6.5 AZ163021 1 C601 2201-000558 C-CERAMIC,DISC;0.47nF,10%,50V,Y5P,TP,5x3 AZ163025 1 C610 2301-000445 C-FILM,PEF;4.7nF,5%,50V,TP,5.5x7x3mm,5mm AZ162013 1 C611 2301-000445 C-FILM,PEF;4.7nF,5%,50V,TP,5.5x7x3mm,5mm AZ162013 1 C612 2401-001914 C-AL;1uF,20%,50V,BP,TP,5x11,5 AZ164040 1 C613 2401-001914 C-AL;1uF,20%,50V,BP,TP,5x11,5 AZ164040 1 C209 2401-001914 C-AL;1uF,20%,50V,BP,TP,5x11,5 AZ164040 1 C617 2401-000493 C-AL;10uF,20%,50V,LZ,TP,5x11mm,5mm AZ164010 1 C917 2401-000493 C-AL;10uF,20%,50V,LZ,TP,5x11mm,5mm AZ164010 1 C413 2401-000493 C-AL;10uF,20%,50V,LZ,TP,5x11mm,5mm AZ164010 1 C623 2202-000231 C-CERAMIC,MLC-AXIAL;330pF,10%,50V,Y5P,TP AZ161331 1 C624 2202-000231 C-CERAMIC,MLC-AXIAL;330pF,10%,50V,Y5P,TP AZ161331 1 C627 2202-000231 C-CERAMIC,MLC-AXIAL;330pF,10%,50V,Y5P,TP AZ161331 1 C629 2202-000231 C-CERAMIC,MLC-AXIAL;330pF,10%,50V,Y5P,TP AZ161331 1 C642 2202-000231 C-CERAMIC,MLC-AXIAL;330pF,10%,50V,Y5P,TP AZ161331 1 C644 2202-000231 C-CERAMIC,MLC-AXIAL;330pF,10%,50V,Y5P,TP AZ161331 1 C638 2202-000231 C-CERAMIC,MLC-AXIAL;330pF,10%,50V,Y5P,TP AZ161331 1 C639 2202-000231 C-CERAMIC,MLC-AXIAL;330pF,10%,50V,Y5P,TP AZ161331 1 C632 2202-000806 C-CERAMIC,MLC-AXIAL;220PF,10%,50V,Y5P,TP AZ161221 1 C634 2401-001840 C-AL;100uF,20%,16V,GP,TP,6.3x11,5 AZ164027 1 Electric Parts List 7-2 LOC NO PARTS NO Description & Specification REPLACEMENT NO Q’ty REMARKS |