| 전자부품 데이터시트 검색엔진 |
|
GSIB660 데이터시트(PDF) 44 Page - Toshiba Semiconductor |
|
|
|||||||||||||||||||||||||||||
GSIB660 데이터시트(HTML) 44 Page - Toshiba Semiconductor |
|
44 / 70 page ![]() R225 2001-000780 R-CARBON;470OHM,5%,1/8W,AA,TP,1.8X3.2MM AZ261471 1 R812 2001-000780 R-CARBON;470OHM,5%,1/8W,AA,TP,1.8X3.2MM AZ261471 1 R831 2001-000780 R-CARBON;470OHM,5%,1/8W,AA,TP,1.8X3.2MM AZ261471 1 R931 2001-000780 R-CARBON;470OHM,5%,1/8W,AA,TP,1.8X3.2MM AZ261471 1 R214 2001-000411 R-CARBON;18KOHM,5%,1/8W,AA,TP,1.8X3.2MM AZ261914 1 R704 2001-000969 R-CARBON;75OHM,5%,1/8W,AA,TP,1.8X3.2MM AZ261750 1 R802 2003-001025 R-METAL OXIDE(S);15Kohm,5%,2W,AF,TP,3.9x AZ263017 1 R803 2003-001025 R-METAL OXIDE(S);15Kohm,5%,2W,AF,TP,3.9x AZ263017 1 R804 2003-001025 R-METAL OXIDE(S);15Kohm,5%,2W,AF,TP,3.9x AZ263017 1 R805 2001-001150 R-CARBON(S);470KOHM,5%,1/2W,AA,TP,2.4X6. AZ262474 1 R806 2001-001150 R-CARBON(S);470KOHM,5%,1/2W,AA,TP,2.4X6. AZ262474 1 R813 2001-001153 R-CARBON(S);47OHM,5%,1/2W,AA,TP,2.4X6.4M AZ262470 1 R832 2001-001153 R-CARBON(S);47OHM,5%,1/2W,AA,TP,2.4X6.4M AZ262470 1 R810 2001-001178 R-CARBON(S);680OHM,5%,1/2W,AA,TP,2.4X6.4 AZ262681 1 R418 2001-001178 R-CARBON(S);680OHM,5%,1/2W,AA,TP,2.4X6.4 AZ262681 1 R819 2004-001983 R-METAL;2.49KOHM,1%,1/2W,AA,TP,2.4X6.4 AZ263034 1 R415 2004-001983 R-METAL;2.49KOHM,1%,1/2W,AA,TP,2.4X6.4 AZ263034 1 R820 2001-001096 R-CARBON(S);2.2ohm,5%,1/2W,AA,TP,2.4x6.4 AZ261923 1 R822 2001-000273 R-CARBON;100KOHM,5%,1/8W,AA,TP,1.8X3.2M AZ261104 1 R824 2001-000273 R-CARBON;100KOHM,5%,1/8W,AA,TP,1.8X3.2M AZ261104 1 R825 2001-000066 R-CARBON(S);10KOHM,5%,1/2W,AA,TP,2.4X6.4 AZ262103 1 R901 2001-000734 R-CARBON;4.7KOHM,5%,1/8W,AA,TP,1.8X3.2M AZ261472 1 R903 2001-000734 R-CARBON;4.7KOHM,5%,1/8W,AA,TP,1.8X3.2M AZ261472 1 R904 2001-000734 R-CARBON;4.7KOHM,5%,1/8W,AA,TP,1.8X3.2M AZ261472 1 R905 2001-000734 R-CARBON;4.7KOHM,5%,1/8W,AA,TP,1.8X3.2M AZ261472 1 R906 2001-000734 R-CARBON;4.7KOHM,5%,1/8W,AA,TP,1.8X3.2M AZ261472 1 R908 2001-000734 R-CARBON;4.7KOHM,5%,1/8W,AA,TP,1.8X3.2M AZ261472 1 R921 2001-000734 R-CARBON;4.7KOHM,5%,1/8W,AA,TP,1.8X3.2M AZ261472 1 R927 2001-000734 R-CARBON;4.7KOHM,5%,1/8W,AA,TP,1.8X3.2M AZ261472 1 R928 2001-000734 R-CARBON;4.7KOHM,5%,1/8W,AA,TP,1.8X3.2M AZ261472 1 R937 2001-000734 R-CARBON;4.7KOHM,5%,1/8W,AA,TP,1.8X3.2M AZ261472 1 R938 2001-000734 R-CARBON;4.7KOHM,5%,1/8W,AA,TP,1.8X3.2M AZ261472 1 R833 2001-000734 R-CARBON;4.7KOHM,5%,1/8W,AA,TP,1.8X3.2M AZ261472 1 R724 2001-000734 R-CARBON;4.7KOHM,5%,1/8W,AA,TP,1.8X3.2M AZ261472 1 R725 2001-000734 R-CARBON;4.7KOHM,5%,1/8W,AA,TP,1.8X3.2M AZ261472 1 R253 2001-000734 R-CARBON;4.7KOHM,5%,1/8W,AA,TP,1.8X3.2M AZ261472 1 R248 2001-000003 R-CARBON;330OHM,5%,1/8W,AA,TP,1.8X3.2MM AZ261331 1 R249 2001-000003 R-CARBON;330OHM,5%,1/8W,AA,TP,1.8X3.2MM AZ261331 1 R250 2001-000003 R-CARBON;330OHM,5%,1/8W,AA,TP,1.8X3.2MM AZ261331 1 R922 2001-000924 R-CARBON;680OHM,5%,1/8W,AA,TP,1.8X3.2MM AZ261681 1 R923 2001-000924 R-CARBON;680OHM,5%,1/8W,AA,TP,1.8X3.2MM AZ261681 1 C833 2401-002619 C-AL;47uF,20%,25V,GP,TP,5x11,5 AZ164037 1 C229 2401-002619 C-AL;47uF,20%,25V,GP,TP,5x11,5 AZ164037 1 CN602 3711-002644 CONNECTOR-HEADER;BOX,5P,1R,2.5mm,STRSTRA AZ664019 1 CW901 2503-000156 C-NETWORK;100pFx4,20%,50V AZ166005 1 D203 0404-000156 DIODE-SCHOTTKY;RB441Q,10V,100mA,DO-34,TP AZ462033 1 D204 0404-000156 DIODE-SCHOTTKY;RB441Q,10V,100mA,DO-34,TP AZ462033 1 D205 0404-000156 DIODE-SCHOTTKY;RB441Q,10V,100mA,DO-34,TP AZ462033 1 D206 0404-000156 DIODE-SCHOTTKY;RB441Q,10V,100mA,DO-34,TP AZ462033 1 D901 0404-000156 DIODE-SCHOTTKY;RB441Q,10V,100mA,DO-34,TP AZ462033 1 D902 0404-000156 DIODE-SCHOTTKY;RB441Q,10V,100mA,DO-34,TP AZ462033 1 D903 0404-000156 DIODE-SCHOTTKY;RB441Q,10V,100mA,DO-34,TP AZ462033 1 D904 0404-000156 DIODE-SCHOTTKY;RB441Q,10V,100mA,DO-34,TP AZ462033 1 DZ803 0403-001167 DIODE-ZENER;MTZJ30D,30V,29.02-30.51V,500 AZ462026 1 FA802S 3601-001086 FUSE-AXIAL LEAD;125V,5A,FAST-ACTING,GLAS AZ664013 1 HIC201 AA13-00093A IC-HYBRID;-,DRGB001A,SIP,5P,-,TP AZ661042 1 HIC202 AA13-00093A IC-HYBRID;-,DRGB001A,SIP,5P,-,TP AZ661042 1 HIC203 AA13-00093A IC-HYBRID;-,DRGB001A,SIP,5P,-,TP AZ661042 1 HIC204 AA13-00093A IC-HYBRID;-,DRGB001A,SIP,5P,-,TP AZ661042 1 R409 2003-001018 R-METAL OXIDE(S);220OHM,5%,2W,AF,TP,3.9X AZ268023 1 R410 2003-001018 R-METAL OXIDE(S);220OHM,5%,2W,AF,TP,3.9X AZ268023 1 R413 2008-001018 R-FUSIBLE(S);0.47OHM,10%,2W,AF,TP,3.9X10 AZ268023 1 R424 2008-001018 R-FUSIBLE(S);0.47OHM,10%,2W,AF,TP,3.9X10 AZ268023 1 R827 2008-000284 R-FUSIBLE(S);0.1OHM,10%,2W,AF,TP,3.9X10M AZ268002 1 R829 2008-001029 R-FUSIBLE(S);5.6ohm,5%,2W,AF,TP,3.9x10mm AZ268004 1 R433 2003-001042 R-METAL OXIDE(S);5.6Kohm,5%,2W,AF,TP,3.9 AZ263069 1 R717 2001-000702 R-CARBON;39Kohm,5%,1/8W,AA,TP,1.8x3.2mm AZ261916 1 R718 2001-000702 R-CARBON;39Kohm,5%,1/8W,AA,TP,1.8x3.2mm AZ261916 1 R105 2001-000702 R-CARBON;39Kohm,5%,1/8W,AA,TP,1.8x3.2mm AZ261916 1 X601 2801-003903 CRYSTAL-UNIT;18.432MHz,25ppm,28-AAM,12pF AZ663008 1 IC904 1203-001943 IC-VOL. DETECTOR;7025,TO-92,3P,-,PLASTIC AZ661037 1 PCB AA41-00168F PCB-MAIN;CS29A6,FR-1,1L,F,1.6T,330x245, AZ760157 1 Q802 0501-000369 TR-SMALL SIGNAL;KSC2331-Y,NPN,1W,TO-92L, AZ561002 1 Q909 0505-000109 FET-SILICON;2N7000,N,60V,200mA,5ohm,400m AZ561015 1 Q910 0505-000109 FET-SILICON;2N7000,N,60V,200mA,5ohm,400m AZ561015 1 R434 2003-002064 R-METAL OXIDE;7.5ohm,5%,2W,AF,TP,10x3.9m AZ268046 1 L605 2701-000180 INDUCTOR-AXIAL;33UH,5%,2.5X3.4MM AZ361009 1 Electric Parts List 7-10 LOC NO PARTS NO Description & Specification REPLACEMENT NO Q’ty REMARKS ! |