| 전자부품 데이터시트 검색엔진 |
|
GSIB660 데이터시트(PDF) 47 Page - Toshiba Semiconductor |
|
|
|||||||||||||||||||||||||||||
GSIB660 데이터시트(HTML) 47 Page - Toshiba Semiconductor |
|
47 / 70 page ![]() Electric Parts List 7-13 IC202 1203-001944 IC-POSI.FIXED REG.;78RM33,TO-220,3P,-,PL AZ661038 1 C806 2401-003031 C-AL;470uF,20%,450V,GP,BK,35x45mm,1 AZ164050 1 S/W AA95-01553A ASSY-PCB SVHS BOARD;,ALL WITH SVHS,KS3A AZ760213 1 ICS01 1001-001114 IC-VIDEO SWITCH;TEA6425,VIDEO SWITCH ,DI AZ760214 1 CNS01 3711-002704 CONNECTOR-HEADER;NOWALL,6P,1R,2.5mm,ANGL AZ664024 1 CNS02 3711-002706 CONNECTOR-HEADER;NOWALL,8P,1R,2.5mm,ANGL AZ664026 1 HA99-500031 ASSY-PCB,VIDEO-S/W(ACI);50Hz,32W8,KS3A,F AZ760215 1 CS01 2305-000412 C-FILM,MPEF;470nF,5%,63V,TP,-,5mm AZ162025 1 CS03 2305-000412 C-FILM,MPEF;470nF,5%,63V,TP,-,5mm AZ162025 1 CS04 2305-000412 C-FILM,MPEF;470nF,5%,63V,TP,-,5mm AZ162025 1 CS05 2305-000412 C-FILM,MPEF;470nF,5%,63V,TP,-,5mm AZ162025 1 CS06 2305-000412 C-FILM,MPEF;470nF,5%,63V,TP,-,5mm AZ162025 1 CS02 2305-000412 C-FILM,MPEF;470nF,5%,63V,TP,-,5mm AZ162025 1 CS07 2401-002009 C-AL;100UF,20%,16V,GP,TP,6.3*7.5 AZ166017 1 JS01 3812-000219 WIRE-NO SHEATH CU;TCWA,300V,52mm(TAPING) AZ664147 1 JS02 3812-000219 WIRE-NO SHEATH CU;TCWA,300V,52mm(TAPING) AZ664147 1 JS03 3812-000219 WIRE-NO SHEATH CU;TCWA,300V,52mm(TAPING) AZ664147 1 JS04 3812-000219 WIRE-NO SHEATH CU;TCWA,300V,52mm(TAPING) AZ664147 1 RS08 3812-000219 WIRE-NO SHEATH CU;TCWA,300V,52mm(TAPING) AZ664147 1 RS09 3812-000219 WIRE-NO SHEATH CU;TCWA,300V,52mm(TAPING) AZ664147 1 QS01 0501-000389 TR-SMALL SIGNAL;KSC815,NPN,400MW,TO-92,T AZ561003 1 QS02 0501-000389 TR-SMALL SIGNAL;KSC815,NPN,400MW,TO-92,T AZ561003 1 QS03 0501-000389 TR-SMALL SIGNAL;KSC815,NPN,400MW,TO-92,T AZ561003 1 RS01 2001-000281 R-CARBON;100OHM,5%,1/8W,AA,TP,1.8X3.2MM AZ261101 1 RS03 2001-000429 R-CARBON;1KOHM,5%,1/8W,AA,TP,1.8X3.2MM AZ261102 1 RS05 2001-000429 R-CARBON;1KOHM,5%,1/8W,AA,TP,1.8X3.2MM AZ261102 1 RS07 2001-000429 R-CARBON;1KOHM,5%,1/8W,AA,TP,1.8X3.2MM AZ261102 1 RS10 2001-000429 R-CARBON;1KOHM,5%,1/8W,AA,TP,1.8X3.2MM AZ261102 1 RS11 2001-000429 R-CARBON;1KOHM,5%,1/8W,AA,TP,1.8X3.2MM AZ261102 1 RS02 2001-000734 R-CARBON;4.7KOHM,5%,1/8W,AA,TP,1.8X3.2M AZ261472 1 RS04 2001-000734 R-CARBON;4.7KOHM,5%,1/8W,AA,TP,1.8X3.2M AZ261472 1 RS06 2001-000734 R-CARBON;4.7KOHM,5%,1/8W,AA,TP,1.8X3.2M AZ261472 1 LS01 2701-000114 INDUCTOR-AXIAL;10UH,10%,2.5X3.4MM AZ361001 1 PCB AA41-00153E PCB-VIDEO SWITCH;CS29A6,FR-1,1L,D,1.6T,2 AZ760216 1 CS08 2305-000665 C-FILM,MPEF;100nF,5%,63V,TP,7.5x4.0x5.0m AZ162027 1 DZS01 0403-000508 DIODE-ZENER;MTZJ5.6B,5.6V,5.45-5.73V,500 AZ462022 1 DZS02 0403-000508 DIODE-ZENER;MTZJ5.6B,5.6V,5.45-5.73V,500 AZ462022 1 RS12 2001-000969 R-CARBON;75OHM,5%,1/8W,AA,TP,1.8X3.2MM AZ261750 1 RS13 2001-000969 R-CARBON;75OHM,5%,1/8W,AA,TP,1.8X3.2MM AZ261750 1 HA98-600012 ASSY-SUB,PART;PCB-WIDE,S51A,WIDE AZ760169 1 0202-000008 SOLDER-WIRE;S63S-W3.0,S63S,D3,SN63/PB37 AZ760060 0.007 0202-000187 SOLDER-WIRE FLUX;-,RS60S,D1.2,63SN/37PB AZ760061 0.0001 0204-001024 FLUX;DF-98TVS,-,20%,- AZ760064 0.00322 0204-000442 SOLVENT;1M-1000,C3H70H,96,- AZ760063 0.006 C820 2401-003076 C-AL;3300uF,20%,50V,WP,BK,18x35.5mm AZ164052 1 R807 2006-001083 R-CEMENT;120ohm,5%,5W,CJ,TP,14x10x27mm AZ266001 1 C423 2306-000235 C-FILM,MPPF;560nF,5%,400V,TP,26*22.5*14, AZ166036 1 JA702 3722-001425 JACK-RCA;2P,3.4mm,NI,BLK,- AZ760165 1 TOP AA39-20010B LEAD CONNECTOR-ASSY;,1P,YFH800-01,S,500, AZ660001 1 L808 AA27-10002L COIL-CHOKE;-,24UH,K,-,2A,-,24UH-K,10X10M AZ362016 1 L402 AA27-10004F COIL-CHOKE;-,56uH,K,-,2.5A,BK,-,DR12x15, AZ363072 1 T444S AA26-00147A TRANS FBT;1372.0079A,CT29A5P,3.5MH,135V AZ363073 1 IC201S AA95-01194A ASSY-SCAN MODULE;,29A7,KS3A,100HZ AZ760217 1 AA95-00989A ASSY-CHROMA. BODY;DP,-,KS3A,-,-,100HZ AZ760218 1 P1 3711-004782 CONNECTOR-HEADER;NOWALL,32P,1R,1.778mm,S AZ760219 1 P2 3711-004782 CONNECTOR-HEADER;NOWALL,32P,1R,1.778mm,S AZ760219 1 PCB AA41-00411A PCB-SIPADOS BODY;CS29A5,FR-4,2L,A,1.6T,1 AZ760220 1 AA95-01163A ASSY-SIPADOSS TOP MODULE;,KS3A,CS29A5 AZ760221 1 IC3 1204-001599 IC-VIDEO PROCESS;DDP3310B-E4,PLCC,68P,-, AZ760222 1 IC1 1204-001789 IC-VIDEO PROCESS;VPC3230D-B3,QFP,80P,787 AZ760223 1 IC2 1204-001858 IC-PICTURE PROCESS;SDA9401,QFP,64P,-,PLA AZ760224 1 JP1 2007-000070 R-CHIP;0OHM,5%,1/16W,DA,TP,1608 AZ268050 1 R17 2007-000070 R-CHIP;0OHM,5%,1/16W,DA,TP,1608 AZ268050 1 R19 2007-000070 R-CHIP;0OHM,5%,1/16W,DA,TP,1608 AZ268050 1 R10 2007-000084 R-CHIP;4.7Kohm,5%,1/16W,DA,TP,1608 AZ268051 1 R1 2007-000090 R-CHIP;10Kohm,5%,1/16W,DA,TP,1608 AZ268052 1 R2 2007-000090 R-CHIP;10Kohm,5%,1/16W,DA,TP,1608 AZ268052 1 R3 2007-000090 R-CHIP;10Kohm,5%,1/16W,DA,TP,1608 AZ268052 1 R4 2007-000090 R-CHIP;10Kohm,5%,1/16W,DA,TP,1608 AZ268052 1 R5 2007-000090 R-CHIP;10Kohm,5%,1/16W,DA,TP,1608 AZ268052 1 R7 2007-001134 R-CHIP;68ohm,5%,1/16W,DA,TP,1608 AZ268053 1 R13 2007-001166 R-CHIP;75ohm,5%,1/10W,DA,TP,2012 AZ268054 1 R14 2007-001166 R-CHIP;75ohm,5%,1/10W,DA,TP,2012 AZ268054 1 R15 2007-001166 R-CHIP;75ohm,5%,1/10W,DA,TP,2012 AZ268054 1 R6 2007-001167 R-CHIP;75ohm,5%,1/16W,DA,TP,1608 AZ268055 1 R8 2007-001167 R-CHIP;75ohm,5%,1/16W,DA,TP,1608 AZ268055 1 R9 2007-001167 R-CHIP;75ohm,5%,1/16W,DA,TP,1608 AZ268055 1 LOC NO PARTS NO Description & Specification REPLACEMENT NO Q’ty REMARKS ! ! |