| 전자부품 데이터시트 검색엔진 |
|
GSIB660 데이터시트(PDF) 37 Page - Toshiba Semiconductor |
|
|
|||||||||||||||||||||||||||||
GSIB660 데이터시트(HTML) 37 Page - Toshiba Semiconductor |
|
37 / 70 page ![]() Electric Parts List 7-3 C832 2401-001840 C-AL;100uF,20%,16V,GP,TP,6.3x11,5 AZ164027 1 C838 2401-001840 C-AL;100uF,20%,16V,GP,TP,6.3x11,5 AZ164027 1 C826 2401-001840 C-AL;100uF,20%,16V,GP,TP,6.3x11,5 AZ164027 1 C637 2401-000027 C-AL;4.7uF,20%,50V,GP,TP,5x11,5 AZ164001 1 C640 2401-000027 C-AL;4.7uF,20%,50V,GP,TP,5x11,5 AZ164001 1 C641 2401-000027 C-AL;4.7uF,20%,50V,GP,TP,5x11,5 AZ164001 1 C643 2401-000027 C-AL;4.7uF,20%,50V,GP,TP,5x11,5 AZ164001 1 C912 2401-000027 C-AL;4.7uF,20%,50V,GP,TP,5x11,5 AZ164001 1 C647 2202-000286 C-CERAMIC,MLC-AXIAL;56pF,5%,50V,SL,TP,1. AZ161560 1 C649 2301-000108 C-FILM,PEF;1.5nF,5%,50V,TP,6.5x3.0x5.5mm AZ162001 1 C804 2201-000332 C-CERAMIC,DISC;2.2nF,20%,250VAC,Y5U,TP,1 AZ163008 1 C805 2201-000332 C-CERAMIC,DISC;2.2nF,20%,250VAC,Y5U,TP,1 AZ163008 1 C807 2301-001397 C-FILM,PPF;2.2nF,5%,1.2kV,TP,15x8.5x13.5 AZ166019 1 C814 2201-000406 C-CERAMIC,DISC;0.27nF,10%,2kV,Y5P,TP,6.3 AZ163023 1 C817 2201-000599 C-CERAMIC,DISC;0.56nF,10%,500V,Y5P,TP,5. AZ163013 1 C819 2201-000599 C-CERAMIC,DISC;0.56nF,10%,500V,Y5P,TP,5. AZ163013 1 C822 2201-000599 C-CERAMIC,DISC;0.56nF,10%,500V,Y5P,TP,5. AZ163013 1 C818 2401-000722 C-AL;2200uF,20%,25V,WT,TP,16x25,7.5 AZ164014 1 C910 2201-000980 C-CERAMIC,DISC;30pF,5%,50V,CH,TP,5.0x3.0 AZ163015 1 C911 2201-000980 C-CERAMIC,DISC;30pF,5%,50V,CH,TP,5.0x3.0 AZ163015 1 D201 0401-000005 DIODE-SWITCHING;1N4148,100V,200mA,DO-35, AZ462001 1 D202 0401-000005 DIODE-SWITCHING;1N4148,100V,200mA,DO-35, AZ462001 1 D207 0401-000005 DIODE-SWITCHING;1N4148,100V,200mA,DO-35, AZ462001 1 D208 0401-000005 DIODE-SWITCHING;1N4148,100V,200mA,DO-35, AZ462001 1 D209 0401-000005 DIODE-SWITCHING;1N4148,100V,200mA,DO-35, AZ462001 1 D210 0401-000005 DIODE-SWITCHING;1N4148,100V,200mA,DO-35, AZ462001 1 D211 0401-000005 DIODE-SWITCHING;1N4148,100V,200mA,DO-35, AZ462001 1 D602 0401-000005 DIODE-SWITCHING;1N4148,100V,200mA,DO-35, AZ462001 1 D804 0401-000005 DIODE-SWITCHING;1N4148,100V,200mA,DO-35, AZ462001 1 DZ402 0401-000005 DIODE-SWITCHING;1N4148,100V,200mA,DO-35, AZ462001 1 D906 0401-000005 DIODE-SWITCHING;1N4148,100V,200mA,DO-35, AZ462001 1 D405 0401-000005 DIODE-SWITCHING;1N4148,100V,200mA,DO-35, AZ462001 1 D604 0401-000005 DIODE-SWITCHING;1N4148,100V,200mA,DO-35, AZ462001 1 D401 0402-000540 DIODE-RECTIFIER;RU20A,600V,1.5A,-,TP AZ462012 1 D402 0402-000534 DIODE-RECTIFIER;RG10V,400V,1.2A,DO-201,T AZ462011 1 D404 0402-000534 DIODE-RECTIFIER;RG10V,400V,1.2A,DO-201,T AZ462011 1 D411 0402-000534 DIODE-RECTIFIER;RG10V,400V,1.2A,DO-201,T AZ462011 1 D406 0402-000132 DIODE-RECTIFIER;1N4004,400V,1A,DO-41,TP AZ462005 1 D808 0402-000132 DIODE-RECTIFIER;1N4004,400V,1A,DO-41,TP AZ462005 1 D810 0402-000132 DIODE-RECTIFIER;1N4004,400V,1A,DO-41,TP AZ462005 1 D811 0402-000132 DIODE-RECTIFIER;1N4004,400V,1A,DO-41,TP AZ462005 1 D907 0402-000132 DIODE-RECTIFIER;1N4004,400V,1A,DO-41,TP AZ462005 1 D403 0402-000132 DIODE-RECTIFIER;1N4004,400V,1A,DO-41,TP AZ462005 1 D801 0402-001111 DIODE-RECTIFIER;1N5397GP,600V,1.5A,DO-20 AZ462019 1 DZ201 0403-000508 DIODE-ZENER;MTZJ5.6B,5.6V,5.45-5.73V,500 AZ462022 1 DZ202 0403-000508 DIODE-ZENER;MTZJ5.6B,5.6V,5.45-5.73V,500 AZ462022 1 DZ802 0403-000508 DIODE-ZENER;MTZJ5.6B,5.6V,5.45-5.73V,500 AZ462022 1 DZ902 0403-000508 DIODE-ZENER;MTZJ5.6B,5.6V,5.45-5.73V,500 AZ462022 1 DZ601 0403-000508 DIODE-ZENER;MTZJ5.6B,5.6V,5.45-5.73V,500 AZ462022 1 DZ603 0403-000508 DIODE-ZENER;MTZJ5.6B,5.6V,5.45-5.73V,500 AZ462022 1 DZ806 0403-000508 DIODE-ZENER;MTZJ5.6B,5.6V,5.45-5.73V,500 AZ462022 1 DZ903 0403-000508 DIODE-ZENER;MTZJ5.6B,5.6V,5.45-5.73V,500 AZ462022 1 DZ904 0403-000508 DIODE-ZENER;MTZJ5.6B,5.6V,5.45-5.73V,500 AZ462022 1 DZ905 0403-000508 DIODE-ZENER;MTZJ5.6B,5.6V,5.45-5.73V,500 AZ462022 1 DZ906 0403-000508 DIODE-ZENER;MTZJ5.6B,5.6V,5.45-5.73V,500 AZ462022 1 DZ907 0403-000508 DIODE-ZENER;MTZJ5.6B,5.6V,5.45-5.73V,500 AZ462022 1 DZ909 0403-000508 DIODE-ZENER;MTZJ5.6B,5.6V,5.45-5.73V,500 AZ462022 1 DZ910 0403-000508 DIODE-ZENER;MTZJ5.6B,5.6V,5.45-5.73V,500 AZ462022 1 DZ604 0403-000508 DIODE-ZENER;MTZJ5.6B,5.6V,5.45-5.73V,500 AZ462022 1 DZ605 0403-000508 DIODE-ZENER;MTZJ5.6B,5.6V,5.45-5.73V,500 AZ462022 1 DZ908 0403-000508 DIODE-ZENER;MTZJ5.6B,5.6V,5.45-5.73V,500 AZ462022 1 DZ204 0403-000508 DIODE-ZENER;MTZJ5.6B,5.6V,5.45-5.73V,500 AZ462022 1 DZ205 0403-000508 DIODE-ZENER;MTZJ5.6B,5.6V,5.45-5.73V,500 AZ462022 1 KEZI 0403-000508 DIODE-ZENER;MTZJ5.6B,5.6V,5.45-5.73V,500 AZ462022 1 DZ901 0403-000508 DIODE-ZENER;MTZJ5.6B,5.6V,5.45-5.73V,500 AZ462022 1 DZ203 0403-001321 DIODE-ZENER;MTZJ6.8C,6.66-7.01V,500mW,DO AZ462029 1 DZ302 0403-001329 DIODE-ZENER;MTZJ24B,22.61-23.77V,500mW,D AZ462032 1 DZ303 0403-001329 DIODE-ZENER;MTZJ24B,22.61-23.77V,500mW,D AZ462032 1 DZ304 0403-001329 DIODE-ZENER;MTZJ24B,22.61-23.77V,500mW,D AZ462032 1 DZ305 0403-001221 DIODE-ZENER;UZ39BSB,35.36-37.19V,500MW,D AZ462028 1 DZ306 0403-000700 DIODE-ZENER;TZP33A,33V,31-35V,1W,DO-41,T AZ461013 1 DZ804 0403-000700 DIODE-ZENER;TZP33A,33V,31-35V,1W,DO-41,T AZ461013 1 DZ401 0403-001325 DIODE-ZENER;MTZJ15C,14.35-15.09V,500mW,D AZ462031 1 DZ801 0403-001322 DIODE-ZENER;MTZJ8.2B,7.78-8.19V,500mW,DO AZ462030 1 DZ808 0403-001322 DIODE-ZENER;MTZJ8.2B,7.78-8.19V,500mW,DO AZ462030 1 DZ805 1203-001217 IC-POSI.ADJUST REG.;431,TO-92,3P,4.58MIL AZ661013 1 GT101 AA60-40014A PIN-GT,ASSY;1P,-,-,AUTO AZ664172 1 LOC NO PARTS NO Description & Specification REPLACEMENT NO Q’ty REMARKS ! ! ! ! ! |