| 전자부품 데이터시트 검색엔진 |
|
GRM0332C2A6R9DA01 데이터시트(PDF) 44 Page - Murata Manufacturing Co., Ltd |
|
|
|||||||||||||||||||||||||||||
GRM0332C2A6R9DA01 데이터시트(HTML) 44 Page - Murata Manufacturing Co., Ltd |
|
44 / 89 page ![]() Part number # indicates the package specification code. T max. Rated Voltage TC Code Cap. Tol. Part Number 0.9mm 100Vdc C0G 1.7pF ±0.25pF GRM1885C2A1R7CA01# 1.8pF ±0.05pF GRM1885C2A1R8WA01# ±0.1pF GRM1885C2A1R8BA01# ±0.25pF GRM1885C2A1R8CA01# 1.9pF ±0.05pF GRM1885C2A1R9WA01# ±0.1pF GRM1885C2A1R9BA01# ±0.25pF GRM1885C2A1R9CA01# 2.0pF ±0.05pF GRM1885C2A2R0WA01# ±0.1pF GRM1885C2A2R0BA01# ±0.25pF GRM1885C2A2R0CA01# 2.1pF ±0.05pF GRM1885C2A2R1WA01# ±0.1pF GRM1885C2A2R1BA01# ±0.25pF GRM1885C2A2R1CA01# 2.2pF ±0.05pF GRM1885C2A2R2WA01# ±0.1pF GRM1885C2A2R2BA01# ±0.25pF GRM1885C2A2R2CA01# 2.3pF ±0.05pF GRM1885C2A2R3WA01# ±0.1pF GRM1885C2A2R3BA01# ±0.25pF GRM1885C2A2R3CA01# 2.4pF ±0.05pF GRM1885C2A2R4WA01# ±0.1pF GRM1885C2A2R4BA01# ±0.25pF GRM1885C2A2R4CA01# 2.5pF ±0.05pF GRM1885C2A2R5WA01# ±0.1pF GRM1885C2A2R5BA01# ±0.25pF GRM1885C2A2R5CA01# 2.6pF ±0.05pF GRM1885C2A2R6WA01# ±0.1pF GRM1885C2A2R6BA01# ±0.25pF GRM1885C2A2R6CA01# 2.7pF ±0.05pF GRM1885C2A2R7WA01# ±0.1pF GRM1885C2A2R7BA01# ±0.25pF GRM1885C2A2R7CA01# 2.8pF ±0.05pF GRM1885C2A2R8WA01# ±0.1pF GRM1885C2A2R8BA01# ±0.25pF GRM1885C2A2R8CA01# 2.9pF ±0.05pF GRM1885C2A2R9WA01# ±0.1pF GRM1885C2A2R9BA01# ±0.25pF GRM1885C2A2R9CA01# 3.0pF ±0.05pF GRM1885C2A3R0WA01# ±0.1pF GRM1885C2A3R0BA01# ±0.25pF GRM1885C2A3R0CA01# 3.1pF ±0.05pF GRM1885C2A3R1WA01# ±0.1pF GRM1885C2A3R1BA01# ±0.25pF GRM1885C2A3R1CA01# 3.2pF ±0.05pF GRM1885C2A3R2WA01# ±0.1pF GRM1885C2A3R2BA01# ±0.25pF GRM1885C2A3R2CA01# 3.3pF ±0.05pF GRM1885C2A3R3WA01# ±0.1pF GRM1885C2A3R3BA01# ±0.25pF GRM1885C2A3R3CA01# 3.4pF ±0.05pF GRM1885C2A3R4WA01# ±0.1pF GRM1885C2A3R4BA01# ±0.25pF GRM1885C2A3R4CA01# 3.5pF ±0.05pF GRM1885C2A3R5WA01# ±0.1pF GRM1885C2A3R5BA01# GRM Series Temperature Compensating Type Part Number List (→ 1.6×0.8mm) T max. Rated Voltage TC Code Cap. Tol. Part Number 0.9mm 100Vdc C0G 3.5pF ±0.25pF GRM1885C2A3R5CA01# 3.6pF ±0.05pF GRM1885C2A3R6WA01# ±0.1pF GRM1885C2A3R6BA01# ±0.25pF GRM1885C2A3R6CA01# 3.7pF ±0.05pF GRM1885C2A3R7WA01# ±0.1pF GRM1885C2A3R7BA01# ±0.25pF GRM1885C2A3R7CA01# 3.8pF ±0.05pF GRM1885C2A3R8WA01# ±0.1pF GRM1885C2A3R8BA01# ±0.25pF GRM1885C2A3R8CA01# 3.9pF ±0.05pF GRM1885C2A3R9WA01# ±0.1pF GRM1885C2A3R9BA01# ±0.25pF GRM1885C2A3R9CA01# 4.0pF ±0.05pF GRM1885C2A4R0WA01# ±0.1pF GRM1885C2A4R0BA01# ±0.25pF GRM1885C2A4R0CA01# 4.1pF ±0.05pF GRM1885C2A4R1WA01# ±0.1pF GRM1885C2A4R1BA01# ±0.25pF GRM1885C2A4R1CA01# 4.2pF ±0.05pF GRM1885C2A4R2WA01# ±0.1pF GRM1885C2A4R2BA01# ±0.25pF GRM1885C2A4R2CA01# 4.3pF ±0.05pF GRM1885C2A4R3WA01# ±0.1pF GRM1885C2A4R3BA01# ±0.25pF GRM1885C2A4R3CA01# 4.4pF ±0.05pF GRM1885C2A4R4WA01# ±0.1pF GRM1885C2A4R4BA01# ±0.25pF GRM1885C2A4R4CA01# 4.5pF ±0.05pF GRM1885C2A4R5WA01# ±0.1pF GRM1885C2A4R5BA01# ±0.25pF GRM1885C2A4R5CA01# 4.6pF ±0.05pF GRM1885C2A4R6WA01# ±0.1pF GRM1885C2A4R6BA01# ±0.25pF GRM1885C2A4R6CA01# 4.7pF ±0.05pF GRM1885C2A4R7WA01# ±0.1pF GRM1885C2A4R7BA01# ±0.25pF GRM1885C2A4R7CA01# 4.8pF ±0.05pF GRM1885C2A4R8WA01# ±0.1pF GRM1885C2A4R8BA01# ±0.25pF GRM1885C2A4R8CA01# 4.9pF ±0.05pF GRM1885C2A4R9WA01# ±0.1pF GRM1885C2A4R9BA01# ±0.25pF GRM1885C2A4R9CA01# 5.0pF ±0.05pF GRM1885C2A5R0WA01# ±0.1pF GRM1885C2A5R0BA01# ±0.25pF GRM1885C2A5R0CA01# 5.1pF ±0.05pF GRM1885C2A5R1WA01# ±0.1pF GRM1885C2A5R1BA01# ±0.25pF GRM1885C2A5R1CA01# ±0.5pF GRM1885C2A5R1DA01# 5.2pF ±0.05pF GRM1885C2A5R2WA01# ±0.1pF GRM1885C2A5R2BA01# ±0.25pF GRM1885C2A5R2CA01# ±0.5pF GRM1885C2A5R2DA01# C02E.pdf Nov.27,2017 ! Note • Please read rating and !CAUTION (for storage, operating, rating, soldering, mounting and handling) in this catalog to prevent smoking and/or burning, etc. • This catalog has only typical specifications. Therefore, please approve our product specifications or transact the approval sheet for product specifications before ordering. 77 |