| 전자부품 데이터시트 검색엔진 |
|
GRM0332C2A6R9DA01 데이터시트(PDF) 9 Page - Murata Manufacturing Co., Ltd |
|
|
|||||||||||||||||||||||||||||
GRM0332C2A6R9DA01 데이터시트(HTML) 9 Page - Murata Manufacturing Co., Ltd |
|
9 / 89 page ![]() Part number # indicates the package specification code. T max. Rated Voltage TC Code Cap. Tol. Part Number 0.22mm 50Vdc C0G 4.0pF ±0.05pF GRM0225C1H4R0WA03# ±0.1pF GRM0225C1H4R0BA03# ±0.25pF GRM0225C1H4R0CA03# 4.1pF ±0.05pF GRM0225C1H4R1WA03# ±0.1pF GRM0225C1H4R1BA03# ±0.25pF GRM0225C1H4R1CA03# 4.2pF ±0.05pF GRM0225C1H4R2WA03# ±0.1pF GRM0225C1H4R2BA03# ±0.25pF GRM0225C1H4R2CA03# 4.3pF ±0.05pF GRM0225C1H4R3WA03# ±0.1pF GRM0225C1H4R3BA03# ±0.25pF GRM0225C1H4R3CA03# 4.4pF ±0.05pF GRM0225C1H4R4WA03# ±0.1pF GRM0225C1H4R4BA03# ±0.25pF GRM0225C1H4R4CA03# 4.5pF ±0.05pF GRM0225C1H4R5WA03# ±0.1pF GRM0225C1H4R5BA03# ±0.25pF GRM0225C1H4R5CA03# 4.6pF ±0.05pF GRM0225C1H4R6WA03# ±0.1pF GRM0225C1H4R6BA03# ±0.25pF GRM0225C1H4R6CA03# 4.7pF ±0.05pF GRM0225C1H4R7WA03# ±0.1pF GRM0225C1H4R7BA03# ±0.25pF GRM0225C1H4R7CA03# 4.8pF ±0.05pF GRM0225C1H4R8WA03# ±0.1pF GRM0225C1H4R8BA03# ±0.25pF GRM0225C1H4R8CA03# 4.9pF ±0.05pF GRM0225C1H4R9WA03# ±0.1pF GRM0225C1H4R9BA03# ±0.25pF GRM0225C1H4R9CA03# 5.0pF ±0.05pF GRM0225C1H5R0WA03# ±0.1pF GRM0225C1H5R0BA03# ±0.25pF GRM0225C1H5R0CA03# 5.1pF ±0.05pF GRM0225C1H5R1WA03# ±0.1pF GRM0225C1H5R1BA03# ±0.25pF GRM0225C1H5R1CA03# ±0.5pF GRM0225C1H5R1DA03# 5.2pF ±0.05pF GRM0225C1H5R2WA03# ±0.1pF GRM0225C1H5R2BA03# ±0.25pF GRM0225C1H5R2CA03# ±0.5pF GRM0225C1H5R2DA03# 5.3pF ±0.05pF GRM0225C1H5R3WA03# ±0.1pF GRM0225C1H5R3BA03# ±0.25pF GRM0225C1H5R3CA03# ±0.5pF GRM0225C1H5R3DA03# 5.4pF ±0.05pF GRM0225C1H5R4WA03# ±0.1pF GRM0225C1H5R4BA03# ±0.25pF GRM0225C1H5R4CA03# ±0.5pF GRM0225C1H5R4DA03# 5.5pF ±0.05pF GRM0225C1H5R5WA03# ±0.1pF GRM0225C1H5R5BA03# ±0.25pF GRM0225C1H5R5CA03# ±0.5pF GRM0225C1H5R5DA03# 5.6pF ±0.05pF GRM0225C1H5R6WA03# GRM Series Temperature Compensating Type Part Number List (→ 0.4×0.2mm) T max. Rated Voltage TC Code Cap. Tol. Part Number 0.22mm 50Vdc C0G 5.6pF ±0.1pF GRM0225C1H5R6BA03# ±0.25pF GRM0225C1H5R6CA03# ±0.5pF GRM0225C1H5R6DA03# 5.7pF ±0.05pF GRM0225C1H5R7WA03# ±0.1pF GRM0225C1H5R7BA03# ±0.25pF GRM0225C1H5R7CA03# ±0.5pF GRM0225C1H5R7DA03# 5.8pF ±0.05pF GRM0225C1H5R8WA03# ±0.1pF GRM0225C1H5R8BA03# ±0.25pF GRM0225C1H5R8CA03# ±0.5pF GRM0225C1H5R8DA03# 5.9pF ±0.05pF GRM0225C1H5R9WA03# ±0.1pF GRM0225C1H5R9BA03# ±0.25pF GRM0225C1H5R9CA03# ±0.5pF GRM0225C1H5R9DA03# 6.0pF ±0.05pF GRM0225C1H6R0WA03# ±0.1pF GRM0225C1H6R0BA03# ±0.25pF GRM0225C1H6R0CA03# ±0.5pF GRM0225C1H6R0DA03# 6.1pF ±0.05pF GRM0225C1H6R1WA03# ±0.1pF GRM0225C1H6R1BA03# ±0.25pF GRM0225C1H6R1CA03# ±0.5pF GRM0225C1H6R1DA03# 6.2pF ±0.05pF GRM0225C1H6R2WA03# ±0.1pF GRM0225C1H6R2BA03# ±0.25pF GRM0225C1H6R2CA03# ±0.5pF GRM0225C1H6R2DA03# 6.3pF ±0.05pF GRM0225C1H6R3WA03# ±0.1pF GRM0225C1H6R3BA03# ±0.25pF GRM0225C1H6R3CA03# ±0.5pF GRM0225C1H6R3DA03# 6.4pF ±0.05pF GRM0225C1H6R4WA03# ±0.1pF GRM0225C1H6R4BA03# ±0.25pF GRM0225C1H6R4CA03# ±0.5pF GRM0225C1H6R4DA03# 6.5pF ±0.05pF GRM0225C1H6R5WA03# ±0.1pF GRM0225C1H6R5BA03# ±0.25pF GRM0225C1H6R5CA03# ±0.5pF GRM0225C1H6R5DA03# 6.6pF ±0.05pF GRM0225C1H6R6WA03# ±0.1pF GRM0225C1H6R6BA03# ±0.25pF GRM0225C1H6R6CA03# ±0.5pF GRM0225C1H6R6DA03# 6.7pF ±0.05pF GRM0225C1H6R7WA03# ±0.1pF GRM0225C1H6R7BA03# ±0.25pF GRM0225C1H6R7CA03# ±0.5pF GRM0225C1H6R7DA03# 6.8pF ±0.05pF GRM0225C1H6R8WA03# ±0.1pF GRM0225C1H6R8BA03# ±0.25pF GRM0225C1H6R8CA03# ±0.5pF GRM0225C1H6R8DA03# 6.9pF ±0.05pF GRM0225C1H6R9WA03# ±0.1pF GRM0225C1H6R9BA03# ±0.25pF GRM0225C1H6R9CA03# C02E.pdf Nov.27,2017 ! Note • Please read rating and !CAUTION (for storage, operating, rating, soldering, mounting and handling) in this catalog to prevent smoking and/or burning, etc. • This catalog has only typical specifications. Therefore, please approve our product specifications or transact the approval sheet for product specifications before ordering. 42 |