전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

GRM0332C2A6R9DA01 데이터시트(PDF) 83 Page - Murata Manufacturing Co., Ltd

부품명 GRM0332C2A6R9DA01
상세설명  Chip Multilayer Ceramic Capacitors for General
PDF  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MURATA1 [Murata Manufacturing Co., Ltd]
홈페이지  http://www.murata.com
Logo MURATA1 - Murata Manufacturing Co., Ltd

GRM0332C2A6R9DA01 데이터시트(HTML) 83 Page - Murata Manufacturing Co., Ltd

Back Button GRM0332C2A6R9DA01 Datasheet HTML 79Page - Murata Manufacturing Co., Ltd GRM0332C2A6R9DA01 Datasheet HTML 80Page - Murata Manufacturing Co., Ltd GRM0332C2A6R9DA01 Datasheet HTML 81Page - Murata Manufacturing Co., Ltd GRM0332C2A6R9DA01 Datasheet HTML 82Page - Murata Manufacturing Co., Ltd GRM0332C2A6R9DA01 Datasheet HTML 83Page - Murata Manufacturing Co., Ltd GRM0332C2A6R9DA01 Datasheet HTML 84Page - Murata Manufacturing Co., Ltd GRM0332C2A6R9DA01 Datasheet HTML 85Page - Murata Manufacturing Co., Ltd GRM0332C2A6R9DA01 Datasheet HTML 86Page - Murata Manufacturing Co., Ltd GRM0332C2A6R9DA01 Datasheet HTML 87Page - Murata Manufacturing Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 83 / 89 page
background image
C02E.pdf
Nov.27,2017
!
Note • Please read rating and !CAUTION (for storage, operating, rating, soldering, mounting and handling) in this catalog to prevent smoking and/or burning, etc.
• This catalog has only typical specifications. Therefore, please approve our product specifications or transact the approval sheet for product specifications before ordering.
284
Notice
2. Land Dimensions
2-1. Please refer to the land dimensions in table 1 for flow
soldering, table 2 for reflow soldering, table 3 for
reflow soldering for ZRB Series, table 4 for reflow
soldering for LLA Series, table 5 for reflow soldering
for LLM Series.
Please confirm the suitable land dimension by
evaluating of the actual SET / PCB.
GQM/GR3/GRJ/GRM
GQM/GR3/GRJ/GRM
GR3/GRJ/GRM
LLL
LLL
1.6g0.8
2.0g1.25
3.2g1.6
1.25g2.0
1.6g3.2
0.6 to 1.0
1.0 to 1.2
2.2 to 2.6
0.4 to 0.7
0.6 to 1.0
0.8 to 0.9
0.9 to 1.0
1.0 to 1.1
0.5 to 0.7
0.8 to 0.9
0.6 to 0.8
0.8 to 1.1
1.0 to 1.4
1.4 to 1.8
2.6 to 2.8
(in mm)
Chip (LgW)
a
b
c
Table 1 Flow Soldering Method
Series
18
21
31
21
31
Chip Dimension Code
(L/W)
Flow soldering can only be used for products with a chip size from 1.6x0.8mm to 3.2x1.6mm.
Solder Resist
a
b
Chip Capacitor
Land
Continued from the preceding page.
Continued on the following page.
Chassis
Solder (ground)
Electrode Pattern
Solder Resist
Solder Resist
Solder Resist
Lead Wire
Soldering Iron
Lead Wire
Solder Resist
Pattern Forms
Placing Close to Chassis
Placing
of Chip Components
and Leaded Components
Placing
of Leaded Components
aer Chip Component
Lateral Mounting
Prohibited
Correct
in section
in section
in section
in section
in section
in section



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89