| 전자부품 데이터시트 검색엔진 |
|
NRF9160-SIBA-R 데이터시트(PDF) 74 Page - Nordic Semiconductor |
|
|
|||||||||||||||||||||||||||||
NRF9160-SIBA-R 데이터시트(HTML) 74 Page - Nordic Semiconductor |
|
74 / 400 page ![]() Power and clock management Publish configuration for event LFCLKSTARTED Bit number 31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0 ID B A A A A A A A A Reset 0x00000000 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 ID R/W Field Value ID Value Description A RW CHIDX [255..0] DPPI channel that event LFCLKSTARTED will publish to B RW EN Disabled 0 Disable publishing Enabled 1 Enable publishing 5.3.2.1.13 INTEN Address offset: 0x300 Enable or disable interrupt Bit number 31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0 ID B A Reset 0x00000000 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 ID R/W Field Value ID Value Description A RW HFCLKSTARTED Enable or disable interrupt for event HFCLKSTARTED Disabled 0 Disable Enabled 1 Enable B RW LFCLKSTARTED Enable or disable interrupt for event LFCLKSTARTED Disabled 0 Disable Enabled 1 Enable 5.3.2.1.14 INTENSET Address offset: 0x304 Enable interrupt Bit number 31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0 ID B A Reset 0x00000000 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 ID R/W Field Value ID Value Description A RW HFCLKSTARTED Write '1' to enable interrupt for event HFCLKSTARTED Set 1 Enable Disabled 0 Read: Disabled Enabled 1 Read: Enabled B RW LFCLKSTARTED Write '1' to enable interrupt for event LFCLKSTARTED Set 1 Enable Disabled 0 Read: Disabled Enabled 1 Read: Enabled 5.3.2.1.15 INTENCLR Address offset: 0x308 Disable interrupt 4418_1315 v2.0 74 |