| 전자부품 데이터시트 검색엔진 |
|
NRF9160-SIBA-R 데이터시트(PDF) 16 Page - Nordic Semiconductor |
|
|
|||||||||||||||||||||||||||||
NRF9160-SIBA-R 데이터시트(HTML) 16 Page - Nordic Semiconductor |
|
16 / 400 page ![]() Product overview Peripheral core TASK n OR write task event EVENT m IRQ signal to NVIC INTEN m Peripheral SHORTS k Channel outputs to DPPI SUBSCRIBE n PUBLISH m Channel inputs from DPPI CHIDX CHIDX EN EN Figure 2: Peripheral interface The distributed programmable peripheral interconnect (DPPI) feature enables peripherals to connect events to tasks without CPU intervention. Note: For more information on DPPI and the DPPI channels, see DPPI - Distributed programmable peripheral interconnect on page 86. 3.3.1 Peripheral ID Every peripheral is assigned a fixed block of 0x1000 bytes of address space, which is equal to 1024 x 32 bit registers. See Instantiation on page 24 for more information about which peripherals are available and where they are located in the address map. There is a direct relationship between peripheral ID and base address. For example, a peripheral with base address 0x40000000 is assigned ID=0, a peripheral with base address 0x40001000 is assigned ID=1, and a peripheral with base address 0x4001F000 is assigned ID=31. Peripherals may share the same ID, which may impose one or more of the following limitations: • Shared registers or common resources • Limited availability due to mutually exclusive operation; only one peripheral in use at a time 4418_1315 v2.0 16 |